Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN5193 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCN5193
Description  HART Modem
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5193 Datasheet(HTML) 5 Page - ON Semiconductor

  NCN5193_3 Datasheet HTML 1Page - ON Semiconductor NCN5193_3 Datasheet HTML 2Page - ON Semiconductor NCN5193_3 Datasheet HTML 3Page - ON Semiconductor NCN5193_3 Datasheet HTML 4Page - ON Semiconductor NCN5193_3 Datasheet HTML 5Page - ON Semiconductor NCN5193_3 Datasheet HTML 6Page - ON Semiconductor NCN5193_3 Datasheet HTML 7Page - ON Semiconductor NCN5193_3 Datasheet HTML 8Page - ON Semiconductor NCN5193_3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCN5193
www.onsemi.com
5
TYPICAL APPLICATION
Figure 2. Application Diagram NCN5193
XOUT
XIN
3.6864 MHz
CBIAS
VSS
MODE
μC
VDDA
S
HART &
4 – 20 mA OUT
HART IN
1.8 V − 3.5 V
TxA
CDREF
AREF
RxAP
RxAF
RxAFI
VDDA
VDD
RxD
CD
TxD
RTS
RESET
NCN5193
VPOR
CS
DATA
SCLK
KICK
DAC
VDDA
JUMP
DACREF
CLK2
CLK1
VDDA
TEST1
TEST2
RxAN
C6
C5
R8
R9
R7
R4
R3 C3
R2
C2 C1
R1
R10
R11
R12
R13
R14
R15
R16
C7
C8
XT1
U2
U1
R6
C4
R5
Table 7. TYPICAL BILL OF MATERIALS
Reference Designator
Value (Typical)
Tolerance
Manufacturer
Part Number
U1
ON Semiconductor
NCN5193
U2
ON Semiconductor
LM285
R1, R2
1.5M
1%
R3, R5
806k
1%
R4
1.3M
1%
R6
174k
1%
R7
2.2M
1%
R8, R9
422k
1%
R11
240k
1%
R12, R15, R10
200k
1%
R13
120k
1%
R14, R16
14k7
1%
C1
1 nF
5%
C2
470 pF
5%
C3
200 pF
5%
C4
220 pF
5%
C5
20 pF
5%
C6
330 pF
5%
C7, C8
18 pF
10%
XT1
3.6864 MHz
100 ppm
Raltron
AS−3.6864−18


Similar Part No. - NCN5193_3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5193MNTWG ONSEMI-NCN5193MNTWG Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
More results

Similar Description - NCN5193_3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
logo
List of Unclassifed Man...
20C12 ETC1-20C12 Datasheet
468Kb / 11P
   HART MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com