Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN5130MNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCN5130MNG
Description  Transceiver for KNX Twisted Pair Networks
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5130MNG Datasheet(HTML) 1 Page - ON Semiconductor

  NCN5130MNG Datasheet HTML 1Page - ON Semiconductor NCN5130MNG Datasheet HTML 2Page - ON Semiconductor NCN5130MNG Datasheet HTML 3Page - ON Semiconductor NCN5130MNG Datasheet HTML 4Page - ON Semiconductor NCN5130MNG Datasheet HTML 5Page - ON Semiconductor NCN5130MNG Datasheet HTML 6Page - ON Semiconductor NCN5130MNG Datasheet HTML 7Page - ON Semiconductor NCN5130MNG Datasheet HTML 8Page - ON Semiconductor NCN5130MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2016 − Rev. 3
1
Publication Order Number:
NCN5130/D
NCN5130
Transceiver for KNX
Twisted Pair Networks
Introduction
NCN5130 is a receiver−transmitter IC suitable for use in KNX
twisted pair networks (KNX TP1−256). It supports the connection of
actuators, sensors, microcontrollers, switches or other applications in
a building network.
NCN5130 handles the transmission and reception of data on the bus.
It generates from the unregulated bus voltage stabilized voltages for its
own power needs as well as to power external devices, for example, a
microcontroller.
NCN5130 assures safe coupling to and decoupling from the bus.
Bus monitoring warns the external microcontroller in case of loss of
power so that critical data can be stored in time.
Key Features
9600 baud KNX Communication Speed
Supervision of KNX Bus Voltage and Current
Supports Bus Current Consumption up to 40 mA
High Efficient DC−DC Converters
3.3 V Fixed
1.2 V to 21 V Selectable
Control and Monitoring of Power Regulators
Linear 20 V Regulator
Buffering of Sent Data Frames (Extended Frames Supported)
Selectable UART or SPI Interface to Host Controller
Selectable UART and SPI baud Rate to Host Controller
Optional CRC on UART to the Host
Optional Received Frame−end with MARKER Service
Optional Direct Analog Signaling to Host
Operates with Industry Standard Low Cost 16 MHz Quartz
Generates Clock of 8 or 16 MHz for External Devices
Auto Acknowledge (optional)
Auto Polling (optional)
Temperature Monitoring
Extended Operating Temperature Range −40°C to +105°C
These Devices are Pb−Free and are RoHS Compliant
www.onsemi.com
QFN40
MN SUFFIX
CASE 485AU
See detailed ordering and shipping information in the package
dimensions section on page 57 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW = Work Week
G
= Pb−Free Package
MARKING DIAGRAM
40
1
NCN5130
21420−004
AWLYYWWG


Similar Part No. - NCN5130MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5130MNG ONSEMI-NCN5130MNG Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
More results

Similar Description - NCN5130MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5120 ONSEMI-NCN5120_15 Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN51206GEVB ONSEMI-NCN51206GEVB Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN5120 ONSEMI-NCN5120 Datasheet
418Kb / 54P
   Transceiver for KNX Twisted Pair Networks
April, 2013 ??Rev. 2
NCN5110 ONSEMI-NCN5110_16 Datasheet
289Kb / 24P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5121 ONSEMI-NCN5121_16 Datasheet
466Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5120MNTWG ONSEMI-NCN5120MNTWG Datasheet
107Kb / 2P
   NCN5120: KNX Transceiver for Twisted Pair Networks
7/1/2014
logo
Advanced Micro Devices
AM79C98 AMD-AM79C98 Datasheet
213Kb / 22P
   Twisted-Pair Ethernet Transceiver (TPEX)
logo
National Semiconductor ...
DP83220 NSC-DP83220 Datasheet
136Kb / 10P
   CDL Twisted Pair FDDI Transceiver Device
logo
Advanced Micro Devices
AM79C100 AMD-AM79C100 Datasheet
208Kb / 24P
   Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)
logo
List of Unclassifed Man...
FTT-10A ETC2-FTT-10A Datasheet
1Mb / 3P
   FTT-10A Free Topology Twisted Pair Transceiver Model 50051
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com