Electronic Components Datasheet Search |
|
NCV7321 Datasheet(PDF) 5 Page - ON Semiconductor |
|
NCV7321 Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 14 page NCV7321 www.onsemi.com 5 FUNCTIONAL DESCRIPTION Overall Functional Description LIN is a serial communication protocol that efficiently supports the control of mechatronic nodes in distributed automotive applications. The domain is class−A multiplex buses with a single master node and a set of slave nodes. The NCV7321 contains the LIN transmitter, LIN receiver, power−on−reset (POR) circuits and thermal shutdown (TSD). The LIN transmitter is optimized for the maximum specified transmission speed of 20 kB with EMC performance due to reduced slew rate of the LIN output. The junction temperature is monitored via a thermal shutdown circuit that switches the LIN transmitter off when temperature exceeds the TSD trigger level. The NCV7321 has four operating states (unpowered mode, standby mode, normal mode and sleep mode) that are determined by the supply voltage VBB, input signals EN and WAKE and activity on the LIN bus. OPERATING STATES Sleep Mode Normal mode Standby mode Unpowered Figure 3. State Diagram LIN Wake−Up or Local Wake−Up EN = High for t > T_enable EN = High for t > T_enable EN = Low for t > T_disable − LIN Transceiver: OFF − LIN Term: 30 k W − INH Pin = High − RxD: Low After a Wake−up/ Floating Otherwise − TxD: Wake−up Source Flag − LIN Transceiver: OFF − LIN Term: Floating − INH Pin: Floating − RxD: Floating − TxD: Weak Pull−down − LIN Transceiver: OFF − LIN Term: Current Source − INH Pin: Floating − RxD: Floating − TxD: Weak Pull−down − LIN Transceiver: ON − LIN Term: 30 k W − INH Pin: High − RxD: Received LIN Data − TxD: Weak Pull−down Transmitter Input (VBB Below Reset Level) VBB Above Reset Level Unpowered Mode As long as VBB remains below its power−on−reset level, the chip is kept in a safe unpowered state. LIN transmitter is inactive, both LIN and INH pins are left floating and only a weak pull−down is connected on pin TxD. Pin RxD remains floating. The unpowered state will be entered from any other state when VBB falls below its power−on−reset level. Standby Mode Standby mode is a low−power mode, where LIN transceiver remains inactive while INH pin is driven high to activate an external voltage regulator – see Figure 2. Depending on the transition which led to the standby mode, pins RxD and TxD are configured differently during this mode. A 30 k W resistor in series with a reverse−protection diode is internally connected between LIN and VBB Pins. Standby mode is entered in one of the following ways: • After the voltage level at VBB pin rises above its power−on−reset level. In this case, RxD Pin remains high−impedant and the pull−down applied on pin TxD remains weak. • After a wake−up event is recognized while the chip was in the sleep mode. Pin RxD is pulled low while pin TxD signals the type of wake−up leading to the standby mode – its pull−up remains weak for LIN wake−up and it is switched to strong pull−down for the case of local wake−up (i.e. wake−up via Pin WAKE). While in the standby mode, the configuration of Pins RxD and TxD remains unchanged, regardless the activity on WAKE and LIN Pins – i.e. if additional wake−ups occur during the standby mode, they have no influence on the chip configuration. Normal Mode In normal mode, the full functionality of the LIN transceiver is available. Data according the state of TxD input are sent to the LIN bus while pin RxD reflects the logical symbol received on the LIN bus – high−impedant for recessive and Low for dominant. A 30 k W resistor in series |
Similar Part No. - NCV7321 |
|
Similar Description - NCV7321 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |