Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3550 Datasheet(PDF) 7 Page - Texas Instruments

Part # MC3550
Description  QUAD DIFFERENTIAL LINE RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC3550 Datasheet(HTML) 7 Page - Texas Instruments

  MC3550 Datasheet HTML 1Page - Texas Instruments MC3550 Datasheet HTML 2Page - Texas Instruments MC3550 Datasheet HTML 3Page - Texas Instruments MC3550 Datasheet HTML 4Page - Texas Instruments MC3550 Datasheet HTML 5Page - Texas Instruments MC3550 Datasheet HTML 6Page - Texas Instruments MC3550 Datasheet HTML 7Page - Texas Instruments MC3550 Datasheet HTML 8Page - Texas Instruments MC3550 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC3450, MC3452, MC3550, MC3552
QUAD DIFFERENTIAL LINE RECEIVERS
SLLS012B – FEBRUARY 1986 – REVISED FEBRUARY 1993
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
A
B
S1
S2
tPZH
100 mV
GND
Open
Closed
tPZL
GND
100 mV
Closed
Open
tPHZ
100 mV
GND
Closed
Closed
tPLZ
GND
100 mV
Closed
Closed
tPZL
B
Generator
(see Note A)
50
(see Note B)
CL
TEST CIRCUIT
A
Output
1 k
390
(see Note C)
S2
S1
5 V
3 V
0 V
VOH
0 V
3 V
0 V
VOH
1.5 V
1.5 V
1.5 V
tPZH
tPHZ
VOH – 0.5 V
EN
Output
Output
VOL
≈ 1.5 V
0 V
3 V
VOL
5 V
0 V
3 V
1.5 V
1.5 V
tPLZ
VOL + 0.5 V
VOLTAGE WAVEFORMS
Output
Output
≈ 1.5 V
EN
EN
EN
Figure 3. MC3450 and MC3550 Test Circuit and Voltage Waveforms
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤1 MHz, duty cycle = 50%, tr ≤ 6 ns, tf ≤ 6 ns.
B. CL includes probe and jig capacitance.
C. All diodes are 1N916 or equivalent.


Similar Part No. - MC3550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3550 TI1-MC3550 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - MC3550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
[Old version datasheet]   DS26F32MQML Quad Differential Line Receivers
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
   Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com