Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP32DT Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10EP32DT
Description  3.3V 5V ECL / 2 Divider
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP32DT Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC10EP32DT Datasheet HTML 2Page - ON Semiconductor MC10EP32DT Datasheet HTML 3Page - ON Semiconductor MC10EP32DT Datasheet HTML 4Page - ON Semiconductor MC10EP32DT Datasheet HTML 5Page - ON Semiconductor MC10EP32DT Datasheet HTML 6Page - ON Semiconductor MC10EP32DT Datasheet HTML 7Page - ON Semiconductor MC10EP32DT Datasheet HTML 8Page - ON Semiconductor MC10EP32DT Datasheet HTML 9Page - ON Semiconductor MC10EP32DT Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC10EP32, MC100EP32
http://onsemi.com
7
Figure 3. Input Frequency (fin) versus Typical Output Voltage (VOPP)
fin, INPUT FREQUENCY (GHz)
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0 V
3.3 V
Figure 4. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10EP32D
SOIC−8
98 Units / Rail
MC10EP32DG
SOIC−8 (Pb−Free)
98 Units / Rail
MC10EP32DR2
SOIC−8
2500 / Tape & Reel
MC10EP32DT
TSSOP−8
100 Units / Rail
MC10EP32DTR2
TSSOP−8
2500 / Tape & Reel
MC100EP32D
SOIC−8
98 Units / Rail
MC100EP32DR2
SOIC−8
2500 / Tape & Reel
MC100EP32DT
TSSOP−8
100 Units / Rail
MC100EP32DTR2
TSSOP−8
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10EP32DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP32DT ONSEMI-MC10EP32DT Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DTG ONSEMI-MC10EP32DTG Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DTG ONSEMI-MC10EP32DTG Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
MC10EP32DTR2 ONSEMI-MC10EP32DTR2 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DTR2G ONSEMI-MC10EP32DTR2G Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
More results

Similar Description - MC10EP32DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com