Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP32DT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP32DT
Description  3.3V 5V ECL / 2 Divider
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP32DT Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP32DT Datasheet HTML 1Page - ON Semiconductor MC10EP32DT Datasheet HTML 2Page - ON Semiconductor MC10EP32DT Datasheet HTML 3Page - ON Semiconductor MC10EP32DT Datasheet HTML 4Page - ON Semiconductor MC10EP32DT Datasheet HTML 5Page - ON Semiconductor MC10EP32DT Datasheet HTML 6Page - ON Semiconductor MC10EP32DT Datasheet HTML 7Page - ON Semiconductor MC10EP32DT Datasheet HTML 8Page - ON Semiconductor MC10EP32DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 7
1
Publication Order Number:
MC10EP32/D
MC10EP32, MC100EP32
3.3V / 5VECL B2 Divider
The MC10/100EP32 is an integrated
B2 divider with differential
CLK inputs.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single−ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01
mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge.
Upon power−up, the internal flip−flops will attain a random state; the
reset allows for the synchronization of multiple EP32’s in a system.
The 100 Series contains temperature compensation.
350 ps Typical Propagation Delay
Maximum Frequency > 4 GHz Typical (Figure 3)
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at V
EE
Pb−Free Package is Available
L = Wafer Lot
Y = Year
W = Work Week
H = MC10
K = MC100
A = Assembly Location
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
ALYW
KEP32
ALYW
HP32
HEP32
ALYW
ALYW
KP32
1
8
1
8
1
8
1
8
1
8
1
8
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC10EP32DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP32DT ONSEMI-MC10EP32DT Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DTG ONSEMI-MC10EP32DTG Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DTG ONSEMI-MC10EP32DTG Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
MC10EP32DTR2 ONSEMI-MC10EP32DTR2 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DTR2G ONSEMI-MC10EP32DTR2G Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
More results

Similar Description - MC10EP32DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com