Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A22364-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TS5A22364-Q1
Description  0.65- Dual SPDT Analog Switch with Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22364-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TS5A22364-Q1_16 Datasheet HTML 1Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 2Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 3Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 4Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 5Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 6Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 7Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 8Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
TS5A22364-Q1
SCDS361A – OCTOBER 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: TS5A22364-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration <10% duty cycle.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VCC
Supply voltage(3)
–0.5
6
V
VNC
Analog voltage on NC1-NC2 pin(3) (4) (5)
VCC – 6
VCC + 0.5
V
VNO
Analog voltage on NO1-NO2 pin(3) (4) (5)
VCOM
Analog voltage on COM1-COM2 pin(3) (4) (5)
II/OK
Analog port diode input clamp current
VNC, VNO, VCOM < 0
or
VNC, VNO, VCOM > VCC
–50
50
mA
INC
INO
ICOM
On-state switch continuous current
VNC, VNO, VCOM = 0 to VCC
–150
150
mA
On-state switch peak current(6)
–300
300
IRSH
Off-state switch shunt resistor current
–20
20
mA
VIN
Digital input voltage
–0.5
6.5
V
IIK
Digital input clamp current(3) (4)
VIN < 0
–50
50
mA
ICC
IGND
Continuous current through VCC or GND
–100
100
mA
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
MIN
MAX
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
–2500
2500
V
Charged device model (CDM), per
AEC Q100-011
all pins
–1500
1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
VNC
Signal path voltage
VCC – 5.5
VCC
V
VNO
VCOM
VIN
Digital control
GND
VCC
V


Similar Part No. - TS5A22364-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
More results

Similar Description - TS5A22364-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com