Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2100IDAR Datasheet(PDF) 7 Page - Texas Instruments

Part # TSC2100IDAR
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2100IDAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2100IDAR Datasheet HTML 3Page - Texas Instruments TSC2100IDAR Datasheet HTML 4Page - Texas Instruments TSC2100IDAR Datasheet HTML 5Page - Texas Instruments TSC2100IDAR Datasheet HTML 6Page - Texas Instruments TSC2100IDAR Datasheet HTML 7Page - Texas Instruments TSC2100IDAR Datasheet HTML 8Page - Texas Instruments TSC2100IDAR Datasheet HTML 9Page - Texas Instruments TSC2100IDAR Datasheet HTML 10Page - Texas Instruments TSC2100IDAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
7
FUNCTIONAL BLOCK DIAGRAM
∑−∆
DAC
Σ
Σ
Vol
Ctl
0 to −63.5 dB
(0.5 dB Steps)
Digital
Audio
Processing
and Serial
Interface
∑−∆
DAC
Σ
Σ
Vol
Ctl
PLL
Sidetone
−48 to 0 dB
1.5 dB Steps
High Power Driver
High Power Driver
DAC CM
Analog Volume
Control −34.5 to
12 dB
2.5 V/2 V
∑−∆
ADC
0 to 59.5 dB
(0.5 dB Steps)
AGC
Touch
Screen
Processing
and SPI
Interface
OSC
∑−∆
ADC
Touch
Panel
Drivers
Internal 2.5 V/
1.25 V
Reference
Battery
Monitor
Battery
Monitor
Temperature
Measurement
DRVDD
DRVSS
AVDD
AVSS
DVDD
DVSS
IOVDD
HPR
HPL
VGND
MICBIAS
MICIN
AUX
X+
Y+
X−
Y−
VBAT1
VBAT2
VREF
MCLK
PWD/ADWS
DOUT
LRCK
DIN
BCLK
RESET
SCLK
SS
SCLK
MOSI
MISO
PINTDAV


Similar Part No. - TSC2100IDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2100IDAR TI-TSC2100IDAR Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
More results

Similar Description - TSC2100IDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
   Multimedia AC97 CODEC with Integrated Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com