Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2200IPWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSC2200IPWG4
Description  PDA ANALOG INTERFACE CIRCUIT
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2200IPWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2200IPWG4 Datasheet HTML 3Page - Texas Instruments TSC2200IPWG4 Datasheet HTML 4Page - Texas Instruments TSC2200IPWG4 Datasheet HTML 5Page - Texas Instruments TSC2200IPWG4 Datasheet HTML 6Page - Texas Instruments TSC2200IPWG4 Datasheet HTML 7Page - Texas Instruments TSC2200IPWG4 Datasheet HTML 8Page - Texas Instruments TSC2200IPWG4 Datasheet HTML 9Page - Texas Instruments TSC2200IPWG4 Datasheet HTML 10Page - Texas Instruments TSC2200IPWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
www.ti.com
TSC2200
SBAS191F
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, +VDD = +2.7V, conversion clock = 2MHz, 12-bit mode, and VREF = +2.5V, unless otherwise noted.
900
800
700
600
500
Temperature (
°C)
–60
–40
–20
0
20
40
60
80
100
TEMP2 DIODE VOLTAGE vs TEMPERATURE
TEMP1 DIODE VOLTAGE vs SUPPLY VOLTAGE
3.1
2.5
3.7
2.7
3.3
V
DD (V)
612.0
611.8
611.6
611.4
611.2
611.0
610.8
610.6
610.4
610.2
610.0
3.5
2.9
TEMP2 DIODE VOLTAGE vs SUPPLY VOLTAGE
3.1
2.5
3.7
2.7
3.3
V
DD (V)
727.06
727.04
727.02
727.00
727.98
727.96
727.94
727.92
727.90
3.5
2.9
DAC OUTPUT CURRENT vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
40
60
80
DAC MAX CURRENT vs V
DD
3.1
2.5
3.7
2.7
3.3
V
DD (V)
0.895
0.890
0.885
0.880
0.875
0.870
0.865
0.860
0.855
3.5
2.9


Similar Part No. - TSC2200IPWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2200IPW BURR-BROWN-TSC2200IPW Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWR BURR-BROWN-TSC2200IPWR Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
More results

Similar Description - TSC2200IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com