Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2046IGQCR-90 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSC2046IGQCR-90
Description  Low-Voltage I/O TOUCH SCREEN CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2046IGQCR-90 Datasheet(HTML) 2 Page - Texas Instruments

  TSC2046IGQCR-90 Datasheet HTML 1Page - Texas Instruments TSC2046IGQCR-90 Datasheet HTML 2Page - Texas Instruments TSC2046IGQCR-90 Datasheet HTML 3Page - Texas Instruments TSC2046IGQCR-90 Datasheet HTML 4Page - Texas Instruments TSC2046IGQCR-90 Datasheet HTML 5Page - Texas Instruments TSC2046IGQCR-90 Datasheet HTML 6Page - Texas Instruments TSC2046IGQCR-90 Datasheet HTML 7Page - Texas Instruments TSC2046IGQCR-90 Datasheet HTML 8Page - Texas Instruments TSC2046IGQCR-90 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
+VCC and IOVDD to GND
−0.3V to +6V
. . . . . . . . . . . . . . . . . . . . .
Analog Inputs to GND
−0.3V to +VCC + 0.3V
. . . . . . . . . . . . . . . . .
Digital Inputs to GND
−0.3V to IOVDD + 0.3V
. . . . . . . . . . . . . . . . .
Power Dissipation
250mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−40
°C to +85°C
. . . . . . . . . . . . . . . .
Storage Temperature Range
−65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
NOMINAL
PENIRQ
PULLUP
RESISTOR
VALUES
MAXIMUM
INTEGRAL
LINEARITY
ERROR
(LSB)
PACKAGE-
LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
TSSOP-16
PW
−40
°C to +85°C
TSC2046I
TSC2046IPW
Rails, 100
TSSOP-16
PW
−40
°C to +85°C
TSC2046I
TSC2046IPWR
Tape and Reel, 2500
4x4, 1mm
TSC2046IRGVT
Tape and Reel, 250
TSC2046I
50k
±2
4x4, 1mm
QFN-16
RGV
−40
°C to +85°C
TSC2046
TSC2046IRGVR
Tape and Reel, 2500
TSC2046I
50k
±2
QFN-16
RGV
−40 C to +85 C
TSC2046
TSC2046IRGVRG4
Tape and Reel, 2500
4x4
GQC
−40
°C to +85°C
AZ2046
TSC2046IGQCR
Tape and Reel, 2500
4x4
VFBGA-48
ZQC
−40
°C to +85°C
BC2046
TSC2046IZQCT
Tape and Reel, 250
VFBGA-48
ZQC
−40
°C to +85°C
BC2046
TSC2046IZQCR
Tape and Reel, 2500
TSC2046I(2)
90k
±2
4x4
GQC
−40
°C to +85°C
AZ2046A
TSC2046IGQCR-90
Tape and Reel, 2500
TSC2046I(2)
90k
±2
4x4
VFBGA-48
ZQC
−40
°C to +85°C
BC2046A
TSC2046IZQCR-90
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see the TI web
site at www.ti.com.
(2) High-impedance version.


Similar Part No. - TSC2046IGQCR-90

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2046IGQCR-90 BURR-BROWN-TSC2046IGQCR-90 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2046IGQCR-90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com