Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2301IPAG Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301IPAG
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2301IPAG Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSC2301IPAG Datasheet HTML 4Page - Texas Instruments TSC2301IPAG Datasheet HTML 5Page - Texas Instruments TSC2301IPAG Datasheet HTML 6Page - Texas Instruments TSC2301IPAG Datasheet HTML 7Page - Texas Instruments TSC2301IPAG Datasheet HTML 8Page - Texas Instruments TSC2301IPAG Datasheet HTML 9Page - Texas Instruments TSC2301IPAG Datasheet HTML 10Page - Texas Instruments TSC2301IPAG Datasheet HTML 11Page - Texas Instruments TSC2301IPAG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
www.ti.com
TIMING DIAGRAM
t
td
ta
t
sck
tLead
tLag
twsck
twsck
tr
tf
tv
tho
tdis
thi
tsu
MSB OUT
BIT . . . 1
LSB OUT
MSB IN
BIT . . . 1
LSB IN
SS
SCLK
MISO
MOSI
TIMING CHARACTERISTICS
(1) (2)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PIN DESCRIPTION (continued)
VFBGA
TQFP
I/O
NAME
DESCRIPTION
BALL
PIN
D10
61
I
Y+
Y+ position input
C11
62
I
HPVDD
Analog supply for headphone amplifier and touch screen circuitry
B11
63
I
AUX1
SAR auxiliary analog input 1
B10
64
I
AUX2
SAR auxiliary analog input 2
All specifications typical at -40°C to +85°C, +V
DD = +2.7 V, POL = 1
Parameter
Symbol
Min
Max
Units
SCLK period
tsck
30
ns
Enable lead time
tLead
15
ns
Enable lag time
tLag
15
ns
Sequential transfer delay
ttd
30
ns
Data setup time
tsu
10
ns
Data hold time (inputs)
thi
10
ns
Data hold time (outputs)
tho
0
ns
Slave access time
ta
15
ns
Slave DOUT disable time
tdis
15
ns
Data valid
tv
10
ns
Rise time
tr
30
ns
Fall time
tf
30
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagram, above.
8


Similar Part No. - TSC2301IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

Similar Description - TSC2301IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com