Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43CB43APGFG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSB43CB43APGFG4
Description  iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB43CB43APGFG4 Datasheet(HTML) 1 Page - Texas Instruments

  TSB43CB43APGFG4 Datasheet HTML 1Page - Texas Instruments TSB43CB43APGFG4 Datasheet HTML 2Page - Texas Instruments TSB43CB43APGFG4 Datasheet HTML 3Page - Texas Instruments TSB43CB43APGFG4 Datasheet HTML 4Page - Texas Instruments TSB43CB43APGFG4 Datasheet HTML 5Page - Texas Instruments TSB43CB43APGFG4 Datasheet HTML 6Page - Texas Instruments TSB43CB43APGFG4 Datasheet HTML 7Page - Texas Instruments TSB43CB43APGFG4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.ti.com
FEATURES
TSB43CA43A
TSB43CB43A
TSB43CA42
SLLA211 – JUNE 2006
iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
Internal ARM7
1394 Features
– 50-MHz operating frequency
– Integrated 400 Mbps 3-port PHY
– 32-bit and thumb (16-bit) mode support
– Compliant with IEEE 1394-1995 and IEEE
– UART included for communication
1394a-2000 standards
– 256K bytes of program memory included on
– Supports bus manager functions and
chip
automatic 1394 self-ID verification.
– ARM JTAG included for software debug
– Separate Async Ack FIFO decreases the
Data Buffers
ack-tracking burden on in-CPU and ex-CPU
– Large 16.5K byte total FIFO
DTLA Encryption Support for MPEG2-DVB,
– Programmable data/space available
DSS, DV, and Audio (TSB43CA43A and
indicators for buffer flow control
TSB43CA42 Only)
Hardware Packet Formatting for the
– Two M6 baseline ciphers (one per HSDI
Following Standards
port)
– DVB MPEG2 transport stream (IEC61883-4)
• Content key generation from exchange
– DSS MPEG2 transport stream per standard
key
– DV Stream (IEC 61883-2) SD-DV
– AKE acceleration features in hardware
– Audio over 1394 (IEC 61883-6)
• Random Number Generator
– Audio Music Protocol (version 1.0 and
• Secure Hash Algorithm, Revision 1
enhancements)
(SHA-1)
– Asynchronous and asynchronous stream
– Other AKE acceleration features
(as defined by IEEE 1394)
• Elliptical curve digital signature algorithm
Additional Features
(EC-DCA) both signature and verification
– PID filtering for transmit function (up to 16
• Elliptical curve Diffie-Hellman (EC-DH),
separate PIDs per HSDI)
first phase value and shared secret
– Packet insertion – two insertion buffers per
calculation
HSDI
• 160-bit math functions
– 11 general-purpose inputs/outputs (GPIOs)
High Speed Data Interface (HSDI)
– Interrupt driven to minimize CPU polling.
– Two configurable high speed data
– Single 3.3-V supply
interfaces support the following audio and
video modes:
– JTAG interface to support post-assembly
scan of device I/O – boundary scan
• MPEG2-DVB interface
• MPEG2-DSS interface
• DV codec interface
• IEC60958 interface
• Audio DAC interface
• SACD interface
External CPU Interface
– 16-bit parallel asynchronous I/O-type
– 16-bit parallel synchronous I/O-type
– 16-bit parallel synchronous memory type
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSB43CB43APGFG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CB43APGF TI-TSB43CB43APGF Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
More results

Similar Description - TSB43CB43APGFG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA42 TI-TSB43CA42 Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com