Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N34TS04MU3ETG Datasheet(PDF) 2 Page - ON Semiconductor

Part # N34TS04MU3ETG
Description  Digital Output Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N34TS04MU3ETG Datasheet(HTML) 2 Page - ON Semiconductor

  N34TS04MU3ETG Datasheet HTML 1Page - ON Semiconductor N34TS04MU3ETG Datasheet HTML 2Page - ON Semiconductor N34TS04MU3ETG Datasheet HTML 3Page - ON Semiconductor N34TS04MU3ETG Datasheet HTML 4Page - ON Semiconductor N34TS04MU3ETG Datasheet HTML 5Page - ON Semiconductor N34TS04MU3ETG Datasheet HTML 6Page - ON Semiconductor N34TS04MU3ETG Datasheet HTML 7Page - ON Semiconductor N34TS04MU3ETG Datasheet HTML 8Page - ON Semiconductor N34TS04MU3ETG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
N34TS04
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Operating Temperature
−45 to +130
°C
Storage Temperature
−65 to +150
°C
Voltage on any pin (except A0) with respect to Ground (Note 1)
−0.5 to +6.5
V
Voltage on pin A0 with respect to Ground
−0.5 to +10.5
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. The A0 pin can be raised to a HV level for SWP
command execution. SCL and SDA inputs can be raised to the maximum limit, irrespective of VCC.
Table 2. RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min
Units
NEND (Note 2)
Endurance (EEPROM)
1,000,000
Write Cycles
TDR
Data Retention (EEPROM)
100
Years
2. Page Mode, VCC = 2.5 V, 25°C
Table 3. TEMPERATURE CHARACTERISTICS (VCC = 2.2 V to 3.6 V, TA = −20°C to +125°C, unless otherwise specified)
Parameter
Test Conditions/Comments
Max
Unit
Temperature Reading Error
+75
°C ≤ TA ≤ +95°C, active range
±1.0
°C
+40
°C ≤ TA ≤ +125°C, monitor range
±2.0
°C
−20
°C ≤ TA ≤ +125°C, sensing range
±3.0
°C
ADC Resolution
12
Bits
Temperature Resolution
0.0625
°C
Conversion Time
100
ms
Thermal Resistance (Note 3)
qJA
Junction−to−Ambient (Still Air)
92
°C/W
3. Power Dissipation is defined as PJ = (TJ − TA)/qJA, where TJ is the junction temperature and TA is the ambient temperature. The thermal
resistance value refers to the case of a package being used on a standard 2−layer PCB.
Table 4. D.C. OPERATING CHARACTERISTICS (VCC = 1.7 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified)
Symbol
Parameter
Test Conditions/Comments
Min
Max
Unit
ICC
Supply Current
TS active, SPD and Bus idle
1000
mA
SPD Write, TS shut−down
1000
mA
ISHDN
Standby Current
TS shut−down; SPD and Bus idle
10
mA
ILKG
I/O Pin Leakage Current
Pin at GND or VCC
2
mA
VIL
Input Low Voltage
VCC ≥ 2.2 V
−0.5
0.3 x VCC
V
VCC < 2.2 V
−0.05
0.25 x VCC
VIH
Input High Voltage
VCC ≥ 2.2 V
0.7 x VCC
VCC + 0.5
V
VCC < 2.2 V
0.75 x VCC
VCC + 0.5
VOL (Note 4)
Output Low Voltage
IOL = 3 mA, VCC ≥ 2.2 V
0.4
V
IOL = 1 mA, VCC < 2.2 V
0.2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. The device is able to handle RL values corresponding to the specified rise time (see Figure 2).


Similar Part No. - N34TS04MU3ETG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
N34TS108C6ECT5G ONSEMI-N34TS108C6ECT5G Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
N34TS108MUET3G ONSEMI-N34TS108MUET3G Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
More results

Similar Description - N34TS04MU3ETG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
CAT6095 ONSEMI-CAT6095_11 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com