Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5252-3.0BML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5252-3.0BML
Description  150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5252-3.0BML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5252-3.0BML Datasheet HTML 1Page - Micrel Semiconductor MIC5252-3.0BML Datasheet HTML 2Page - Micrel Semiconductor MIC5252-3.0BML Datasheet HTML 3Page - Micrel Semiconductor MIC5252-3.0BML Datasheet HTML 4Page - Micrel Semiconductor MIC5252-3.0BML Datasheet HTML 5Page - Micrel Semiconductor MIC5252-3.0BML Datasheet HTML 6Page - Micrel Semiconductor MIC5252-3.0BML Datasheet HTML 7Page - Micrel Semiconductor MIC5252-3.0BML Datasheet HTML 8Page - Micrel Semiconductor MIC5252-3.0BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MIC5252
Micrel
December 2003
5
M0394-121003
0
20
40
60
80
100
120
140
160
180
200
0
20 40 60 80 100 120 140 160
OUTPUT CURRENT (mA)
Dropout
vs. Output Current
2.8V
OUT
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
2.7 3.2 3.7 4.2 4.7 5.2 5.7 6.2
SUPPLY VOLTAGE (V)
Enable Threshold
vs. Supply Voltage
Enable Off
Enable On
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Enable Threshold
vs. Temperature
V
IN
= 5V
V
IN
= 3.8V
0
50
100
150
200
250
300
350
400
450
500
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
Short Circuit Current
vs. Input Supply Voltage
2.8V
OUT


Similar Part No. - MIC5252-3.0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252-3.0BML MICREL-MIC5252-3.0BML Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
More results

Similar Description - MIC5252-3.0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
   Tirple High PSRR, Low Noise uCap LDO
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Analog Microelectronics
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Diodes Incorporated
AP7315 DIODES-AP7315 Datasheet
643Kb / 23P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com