Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ3V0ET1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ3V0ET1
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ3V0ET1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ3V0ET1 Datasheet HTML 1Page - ON Semiconductor MMSZ3V0ET1 Datasheet HTML 2Page - ON Semiconductor MMSZ3V0ET1 Datasheet HTML 3Page - ON Semiconductor MMSZ3V0ET1 Datasheet HTML 4Page - ON Semiconductor MMSZ3V0ET1 Datasheet HTML 5Page - ON Semiconductor MMSZ3V0ET1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSZ2V4ET1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device
Leakage Current
ZZT2
(Note 6)
VZ2 (V)
(Notes 4 and 5)
ZZT1
(Note 6)
VZ1 (V)
(Notes 4 and 5)
Device
Marking
Device
IR @ VR
@ IZT2 = 1 mA
@ IZT1 = 5 mA
Device
Marking
Device
V
mA
W
Max
Min
W
Max
Nom
Min
Device
Marking
MMSZ20ET1
CN5
19.00
20
21.00
55
18.7
21.1
225
0.05
14
MMSZ22ET1
CN6
20.90
22
23.10
55
20.7
23.2
250
0.05
15.4
MMSZ24ET1
CN7
22.80
24
25.20
70
22.7
25.5
250
0.05
16.8
MMSZ27ET1
CN8
25.65
27
28.35
80
25
28.9
300
0.05
18.9
MMSZ30ET1
CN9
28.50
30
31.50
80
27.8
32
300
0.05
21
MMSZ33ET1
CP1
31.35
33
34.65
80
30.8
35
325
0.05
23.1
MMSZ36ET1
CP2
34.20
36
37.80
90
33.8
38
350
0.05
25.2
MMSZ39ET1
CP3
37.05
39
40.95
130
36.7
41
350
0.05
27.3
MMSZ43ET1
CP4
40.85
43
45.15
150
39.7
46
375
0.05
30.1
MMSZ47ET1
CP5
MMSZ51ET1
CP6
48.45
51
53.55
180
47.6
54
400
0.05
35.7
MMSZ56ET1
CP7
53.20
56
58.80
200
51.5
60
425
0.05
39.2
Devices listed in
bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and
best overall value.
4. The type numbers shown have a standard tolerance of
±5% on the nominal Zener Voltage.
5. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1 ms.
6. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for
IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz.


Similar Part No. - MMSZ3V0ET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ3V0ET1 ONSEMI-MMSZ3V0ET1 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ3V0ET1G ONSEMI-MMSZ3V0ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ3V0ET1G ONSEMI-MMSZ3V0ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD-123 Surface Mount
January, 2012 - Rev. 7
More results

Similar Description - MMSZ3V0ET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com