Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT214MT3R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCT214MT3R2G
Description  Temperature Monitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT214MT3R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCT214MT3R2G Datasheet HTML 2Page - ON Semiconductor NCT214MT3R2G Datasheet HTML 3Page - ON Semiconductor NCT214MT3R2G Datasheet HTML 4Page - ON Semiconductor NCT214MT3R2G Datasheet HTML 5Page - ON Semiconductor NCT214MT3R2G Datasheet HTML 6Page - ON Semiconductor NCT214MT3R2G Datasheet HTML 7Page - ON Semiconductor NCT214MT3R2G Datasheet HTML 8Page - ON Semiconductor NCT214MT3R2G Datasheet HTML 9Page - ON Semiconductor NCT214MT3R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NCT214
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS (Cont’d)
Figure 9. Standby Supply Current vs. Voltage
Figure 10. Standby Supply Current vs. Clock
Frequency
Figure 11. Temperature Error vs. Common-mode
Noise Frequency
Figure 12. Temperature Error vs. Differential-mode
Noise Frequency
Figure 13. Temperature Error vs. Series Resistance
VDD (V)
3.0
3.0
DEV 4
3.1
3.2
3.3
3.4
3.5
3.6
DEV 3
DEV 2
3.2
3.4
3.6
3.8
4.0
4.2
4.4
FSCL (kHz)
1
0
DEV 2BC
10
100
1000
DEV 3BC
DEV 4BC
5
10
15
20
25
30
35
NOISE FREQUENCY (MHz)
0
0
100 mV
100
200
300
400
500
600
5
10
15
20
25
20 mV
50 mV
NOISE FREQUENCY (MHz)
0
−10
100 mV
100
200
300
400
500
600
20 mV
50 mV
0
10
20
30
40
50
60
70
80
SERIES RESISTANCE (
W)
0
0
10
20
30
40
50
60
500
1000
1500
2000


Similar Part No. - NCT214MT3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
253Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
April, 2014 ??Rev. 4
More results

Similar Description - NCT214MT3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVT210 ONSEMI-NVT210_15 Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NCT1008 ONSEMI-NCT1008_12 Datasheet
333Kb / 20P
   Temperature Monitor
July, 2012 ??Rev. 6
logo
Maxim Integrated Produc...
DS9108 MAXIM-DS9108 Datasheet
61Kb / 3P
   Concrete Temperature Monitor
REV: 102106
logo
List of Unclassifed Man...
3011R-17X-0001 ETC2-3011R-17X-0001 Datasheet
114Kb / 3P
   enGage II Temperature Monitor
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
International Rectifier
IRAM136-3023B IRF-IRAM136-3023B_15 Datasheet
225Kb / 16P
   Temperature Monitor and Protection
logo
ON Semiconductor
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
International Rectifier
IRAM136-3063B IRF-IRAM136-3063B_15 Datasheet
237Kb / 17P
   Temperature Monitor and Protection
IRAMY20UP60B IRF-IRAMY20UP60B_15 Datasheet
277Kb / 16P
   Temperature Monitor and Protection
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com