Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV20091SN3T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV20091SN3T1G
Description  Operational Amplifier, Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV20091SN3T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV20091SN3T1G Datasheet HTML 7Page - ON Semiconductor NCV20091SN3T1G Datasheet HTML 8Page - ON Semiconductor NCV20091SN3T1G Datasheet HTML 9Page - ON Semiconductor NCV20091SN3T1G Datasheet HTML 10Page - ON Semiconductor NCV20091SN3T1G Datasheet HTML 11Page - ON Semiconductor NCV20091SN3T1G Datasheet HTML 12Page - ON Semiconductor NCV20091SN3T1G Datasheet HTML 13Page - ON Semiconductor NCV20091SN3T1G Datasheet HTML 14Page - ON Semiconductor NCV20091SN3T1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NCS20091, NCV20091, NCS20092, NCV20092, NCS20094, NCV20094
www.onsemi.com
11
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, RL ≥ 10 kW, VCM = VOUT = mid−supply unless otherwise specified
Figure 20. Inverting Large Signal Transient
Response
Figure 21. Input Bias and Offset Current vs.
Temperature
TIME (
ms)
TEMPERATURE (
°C)
70
50
30
20
10
0
−10
−20
−2.0
−1.5
0
−0.5
0.5
1.0
1.5
2.0
120
100
60
40
20
0
−20
−40
−100
0
100
200
300
400
500
600
Figure 22. Input Bias Current vs. Common
Mode Voltage
Figure 23. 0.1 Hz to 10 Hz Noise
COMMON MODE VOLTAGE (V)
TIME (s)
5.0
4.0
3.5
3.0
2.0
1.0
0
−4
−2
0
2
6
9
8
6
5
4
2
1
0
−6
−4
−2
0
2
4
6
Figure 24. Channel Separation vs. Frequency
Figure 25. Output Impedance vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
−140
−120
−100
−80
−60
1M
100k
10k
1k
100
10
0.01
0.1
1
10
100
1k
10k
Input
Output
80
−1.0
80
140
IIB+
IIB−
IOS
IIB+
IIB−
IOS
0.5
1.5
2.5
4.5
5.5
3
7
10
VS = 1.8 V
VS = 5.5 V
AV = 1
60
40
4


Similar Part No. - NCV20091SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV20091 ONSEMI-NCV20091 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results

Similar Description - NCV20091SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com