Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS20092DR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS20092DR2G
Description  Operational Amplifier, Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20092DR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS20092DR2G Datasheet HTML 4Page - ON Semiconductor NCS20092DR2G Datasheet HTML 5Page - ON Semiconductor NCS20092DR2G Datasheet HTML 6Page - ON Semiconductor NCS20092DR2G Datasheet HTML 7Page - ON Semiconductor NCS20092DR2G Datasheet HTML 8Page - ON Semiconductor NCS20092DR2G Datasheet HTML 9Page - ON Semiconductor NCS20092DR2G Datasheet HTML 10Page - ON Semiconductor NCS20092DR2G Datasheet HTML 11Page - ON Semiconductor NCS20092DR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NCS20091, NCV20091, NCS20092, NCV20092, NCS20094, NCV20094
www.onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, RL ≥ 10 kW, VCM = VOUT = mid−supply unless otherwise specified
Figure 2. Quiescent Current per Channel vs.
Supply Voltage
Figure 3. Quiescent Current vs. Temperature
SUPPLY VOLTAGE (V)
TEMPERATURE (
°C)
4.5
3.5
2.5
1.5
0
5
10
15
25
30
120
100
80
40
20
0
−20
−40
0
5
10
15
25
30
Figure 4. Offset Voltage vs. Supply Voltage
Figure 5. Offset Voltage vs. Temperature
SUPPLY VOLTAGE (V)
TEMPERATURE (
°C)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
0
0.1
0.2
0.3
0.4
0.5
0.6
120
100
80
60
20
0
−20
−40
0
0.1
0.2
0.3
0.4
0.5
0.6
Figure 6. Offset Voltage vs. Common Mode
Voltage
Figure 7. Open−loop Gain and Phase Margin
vs. Frequency
COMMON MODE VOLTAGE (V)
FREQUENCY (Hz)
2.00
1.25
0.50
0
−0.50
−1.25
−2.00
−2.75
−4
−3
−2
−1
0
2
3
4
10M
1M
100k
10k
1k
100
1
−20
0
20
40
60
100
120
140
5.5
T = 25
°C
T = 125
°C
T = −40
°C
60
140
VS = 1.8 V
VS = 3.3 V
VS = 5.5 V
T = 25
°C
T = 125
°C
T = −40
°C
5.5
VS = 1.8 V
VS = 3.3 V
VS = 5.5 V
40
140
80
0
45
90
135
180
Gain
Phase Margin
RL = 10 kW
CL = 15 pF
T = 25
°C
1
VS = 5.5 V
10 units
2.75
20
20
10


Similar Part No. - NCS20092DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20092 ONSEMI-NCS20092 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results

Similar Description - NCS20092DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com