Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8184 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8184
Description  Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8184 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8184 Datasheet HTML 1Page - ON Semiconductor NCV8184 Datasheet HTML 2Page - ON Semiconductor NCV8184 Datasheet HTML 3Page - ON Semiconductor NCV8184 Datasheet HTML 4Page - ON Semiconductor NCV8184 Datasheet HTML 5Page - ON Semiconductor NCV8184 Datasheet HTML 6Page - ON Semiconductor NCV8184 Datasheet HTML 7Page - ON Semiconductor NCV8184 Datasheet HTML 8Page - ON Semiconductor NCV8184 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCV8184
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
+25°C
−40°C
+125°C
0
0
INPUT VOLTAGE VIN (V)
2
3
4
5
6
510
15
20
1
30
Figure 8. Dropout Voltage vs. Output Current
0
1
2
3
4
5
7
6
REFERENCE VOLTAGE (V)
01
Figure 9. Output Voltage vs. Input Voltage
Figure 10. Output Voltage vs. Reference Voltage
2
3
456
7
0.0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
REFERENCE VOLTAGE (V)
01
2
3
4
5
6
7
25
0
COPPER AREA (in2)
80
85
90
95
120
12
3
4
6
5
100
105
110
115
Figure 11. Reference Current vs. Reference
Voltage
Figure 12. SOIC−8, qJA as a Function of the
Pad Copper Area (2.0 oz. Cu Thickness),
Board Material = 0.0625 G−10/R−4
0.0
OUTPUT CURRENT (mA)
0.5
0
20
30
50
40
60
70
0.2
0.3
0.4
0.1
10
+25°C
−40°C
+125°C
VREF/ENABLE = 5.0 V


Similar Part No. - NCV8184

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
NCV8184 ONSEMI-NCV8184 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV8184D ONSEMI-NCV8184D Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
NCV8184D ONSEMI-NCV8184D Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
More results

Similar Description - NCV8184

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com