Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8184DG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8184DG
Description  Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8184DG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8184DG Datasheet HTML 4Page - ON Semiconductor NCV8184DG Datasheet HTML 5Page - ON Semiconductor NCV8184DG Datasheet HTML 6Page - ON Semiconductor NCV8184DG Datasheet HTML 7Page - ON Semiconductor NCV8184DG Datasheet HTML 8Page - ON Semiconductor NCV8184DG Datasheet HTML 9Page - ON Semiconductor NCV8184DG Datasheet HTML 10Page - ON Semiconductor NCV8184DG Datasheet HTML 11Page - ON Semiconductor NCV8184DG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NCV8184
http://onsemi.com
8
PACKAGE THERMAL DATA
Parameter
Conditions
Typical Value
Units
SOIC−8 Package
100 mm2 Spreader Board
645 mm2 Spreader Board
1 oz
2 oz
1 oz
2 oz
Junction−to−Pin 6 (Y−JL6, YJL6)
53
51
50
47
°C/W
Junction−to−Ambient (RqJA, qJA)
151
135
111
100
°C/W
Figure 24. PCB Layout and Package Construction for Simulation
Package construction
Without mold compound


Similar Part No. - NCV8184DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184DG ONSEMI-NCV8184DG Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
More results

Similar Description - NCV8184DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com