Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8501D25R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8501D25R2G
Description  Micropower 150 mA LDO Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8501D25R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8501D25R2G Datasheet HTML 1Page - ON Semiconductor NCV8501D25R2G Datasheet HTML 2Page - ON Semiconductor NCV8501D25R2G Datasheet HTML 3Page - ON Semiconductor NCV8501D25R2G Datasheet HTML 4Page - ON Semiconductor NCV8501D25R2G Datasheet HTML 5Page - ON Semiconductor NCV8501D25R2G Datasheet HTML 6Page - ON Semiconductor NCV8501D25R2G Datasheet HTML 7Page - ON Semiconductor NCV8501D25R2G Datasheet HTML 8Page - ON Semiconductor NCV8501D25R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCV8501 Series
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
VIN (dc)
−15 to 45
V
Peak Transient Voltage (46 V Load Dump @ VIN = 14 V)
60
V
Operating Voltage
45
V
VOUT (dc)
−0.3 to 16
V
Voltage Range (RESET, FLAG)
−0.3 to 10
V
Input Voltage Range (MON)
Input Voltage Range (VAOJ)
−0.3 to 10
−0.3 to 16
V
Input Voltage Range (ENABLE)
−0.3 to 10**
V
ESD Susceptibility (Human Body Model)
2.0
kV
Junction Temperature, TJ
−40 to +150
°C
Storage Temperature, TS
−55 to 150
°C
Package Thermal Resistance, SO−8:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
45
165
°C/W
°C/W
Package Thermal Resistance, SOW−16 E PAD:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
Junction−to−Pin, RqJP (Note 1)
15
56
35
°C/W
°C/W
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 2)
260 Peak
(Note 3)
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*During the voltage range which exceeds the maximum tested voltage of VIN, operation is assured, but not specified. Wider limits may apply.
Thermal dissipation must be observed closely.
**Reference Figure 15 for switched−battery ENABLE application.
1. Measured to pin 16.
2. 150 second maximum above 217°C.
3. −5°C / +0°C allowable conditions.


Similar Part No. - NCV8501D25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501D25R2G ONSEMI-NCV8501D25R2G Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501D25R2G ONSEMI-NCV8501D25R2G Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results

Similar Description - NCV8501D25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com