Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIP1FN1300A-QDI Datasheet(PDF) 11 Page - ON Semiconductor

Part # NOIP1FN1300A-QDI
Description  PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1FN1300A-QDI Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NOIP1FN1300A-QDI Datasheet HTML 7Page - ON Semiconductor NOIP1FN1300A-QDI Datasheet HTML 8Page - ON Semiconductor NOIP1FN1300A-QDI Datasheet HTML 9Page - ON Semiconductor NOIP1FN1300A-QDI Datasheet HTML 10Page - ON Semiconductor NOIP1FN1300A-QDI Datasheet HTML 11Page - ON Semiconductor NOIP1FN1300A-QDI Datasheet HTML 12Page - ON Semiconductor NOIP1FN1300A-QDI Datasheet HTML 13Page - ON Semiconductor NOIP1FN1300A-QDI Datasheet HTML 14Page - ON Semiconductor NOIP1FN1300A-QDI Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
NOIP1SN1300A
www.onsemi.com
11
OVERVIEW
Figures 9 and 10 give an overview of the major functional blocks of the P1, P3 − SN/SE/FN and P2−SN/SE sensor respectively.
Figure 9. Block Diagram − P1, P3 − SN/SE/FN
Pixel Array
Analog Front End (AFE)
Data Formatting
Serializers & LVDS Interface
LVDS Clock
Input
4, 2, 1 Multiplexed LVDS Output Channels
1 LVDS Sync Channel
1 LVDS Clock Channel
8 analog channels
8 x 10 bit
digital channels
4 x 10 bit
digital channels
Column Structure
Image Core Bias
Image Core
Automatic
Exposure
Control
(AEC)
Clock
Distribution
CMOS Clock
Input
LVDS
Receiver
PLL
Control &
Registers
Analog Front End (AFE)
Data Formatting
Output MUX
CMOS Interface
8 analog channels
8 x 10 bit
digital channels
10 bit Parallel Data
Frame Valid Indication
Line Valid Indication
4 x 10 bit
digital channels
Column Structure
Image Core Bias
Image Core
PLL
Figure 10. Block Diagram − P2−SN/SE
CMOS Clock
Clock
Distribution
CMOS Clock
Input
Automatic
Exposure
Control
(AEC)
Control &
Registers
Pixel Array
Note: P3 part only has 2,1 Multiplexed LVDS Output Channels
Image Core
The image core consists of:
Pixel Array
Address Decoders and Row Drivers
Pixel Biasing
The PYTHON 1300 pixel array contains 1280 (H) x
1024 (V) readable pixels with a pixel pitch of 4.8
mm. The
PYTHON 300 and PYTHON 500 image arrays contain
672 (H) x 512 (V) and 832 (H) x 632 (V) readable pixels
respectively, inclusive of 16 pixel rows and 16 pixel
columns at every side to allow for reprocessing or color
reconstruction. The sensors use in−pixel CDS architecture,
which makes it possible to achieve a low noise read out of
the pixel array in global shutter mode with CDS.
The function of the row drivers is to access the image array
line by line, or all lines together, to reset or read the pixel
data. The row drivers are controlled by the on−chip
sequencer and can access the pixel array.
The pixel biasing block guarantees that the data on a pixel
is transferred properly to the column multiplexer when the
row drivers select a pixel line for readout.
Phase Locked Loop
The PLL accepts a (low speed) clock and generates the
required high speed clock. Optionally this PLL can be
bypassed. Typical input clock frequency is 72 MHz.
LVDS Clock Receiver
The LVDS clock receiver receives an LVDS clock signal
and distributes the required clocks to the sensor.
Typical input clock frequency is 360 MHz in 10−bit mode
and 288 MHz in 8−bit mode. The clock input needs to be
terminated with a 100
W resistor.
Column Multiplexer
All pixels of one image row are stored in the column
sample−and−hold (S/H) stages. These stages store both the
reset and integrated signal levels.
The data stored in the column S/H stages is read out
through 8 parallel differential outputs operating at a
frequency of 36 MHz. At this stage, the reset signal and
integrated signal values are transferred into an
FPN−corrected differential signal. A programmable gain of
1x, 2x, or 4x can be applied to the signal. The column
multiplexer
also
supports
read−1−skip−1
and
read−2−skip−2 mode. Enabling this mode increases the
frame rate, with a decrease in resolution.


Similar Part No. - NOIP1FN1300A-QDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1FN1300A-QDI ONSEMI-NOIP1FN1300A-QDI Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
More results

Similar Description - NOIP1FN1300A-QDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
   PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com