Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4682T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ4682T1
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ4682T1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ4682T1 Datasheet HTML 1Page - ON Semiconductor MMSZ4682T1 Datasheet HTML 2Page - ON Semiconductor MMSZ4682T1 Datasheet HTML 3Page - ON Semiconductor MMSZ4682T1 Datasheet HTML 4Page - ON Semiconductor MMSZ4682T1 Datasheet HTML 5Page - ON Semiconductor MMSZ4682T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSZ4678T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Zener Voltage (Note 3)
Leakage Current
Device
VZ (Volts)
@ IZT
IR @ VR
Device
Device
Marking
Min
Nom
Max
mA
mA
Volts
MMSZ4678T1
CC
1.71
1.8
1.89
50
7.5
1
MMSZ4678T1, G
CC
1.71
1.8
1.89
50
7.5
1
MMSZ4679T1
CD
1.90
2.0
2.10
50
5
1
MMSZ4680T1, G
CE
2.09
2.2
2.31
50
4
1
MMSZ4681T1, G
CF
2.28
2.4
2.52
50
2
1
MMSZ4682T1, G
CH
2.565
2.7
2.835
50
1
1
MMSZ4683T1
CJ
2.85
3.0
3.15
50
0.8
1
MMSZ4684T1, G
CK
3.13
3.3
3.47
50
7.5
1.5
MMSZ4685T1, G
CM
3.42
3.6
3.78
50
7.5
2
MMSZ4686T1
CN
3.70
3.9
4.10
50
5
2
MMSZ4687T1, G
CP
4.09
4.3
4.52
50
4
2
MMSZ4688T1
CT
4.47
4.7
4.94
50
10
3
MMSZ4689T1
CU
4.85
5.1
5.36
50
10
3
MMSZ4690T1, G
CV
5.32
5.6
5.88
50
10
4
MMSZ4691T1
CA
5.89
6.2
6.51
50
10
5
MMSZ4692T1, G
CX
6.46
6.8
7.14
50
10
5.1
MMSZ4693T1
CY
7.13
7.5
7.88
50
10
5.7
MMSZ4694T1
CZ
7.79
8.2
8.61
50
1
6.2
MMSZ4695T1, G
DC
8.27
8.7
9.14
50
1
6.6
MMSZ4696T1, G
DD
8.65
9.1
9.56
50
1
6.9
MMSZ4697T1
DE
9.50
10
10.50
50
1
7.6
MMSZ4698T1
DF
10.45
11
11.55
50
0.05
8.4
MMSZ4699T1, G
DH
11.40
12
12.60
50
0.05
9.1
MMSZ4700T1
DJ
12.35
13
13.65
50
0.05
9.8
MMSZ4701T1
DK
13.30
14
14.70
50
0.05
10.6
MMSZ4702T1
DM
14.25
15
15.75
50
0.05
11.4
MMSZ4703T1*
DN
15.20
16
16.80
50
0.05
12.1
MMSZ4704T1
DP
16.15
17
17.85
50
0.05
12.9
MMSZ4705T1
DT
17.10
18
18.90
50
0.05
13.6
MMSZ4706T1
DU
18.05
19
19.95
50
0.05
14.4
MMSZ4707T1
DV
19.00
20
21.00
50
0.01
15.2
MMSZ4708T1
DA
20.90
22
23.10
50
0.01
16.7
MMSZ4709T1, G
DX
22.80
24
25.20
50
0.01
18.2
MMSZ4710T1
DY
23.75
25
26.25
50
0.01
19.0
MMSZ4711T1*
EA
25.65
27
28.35
50
0.01
20.4
MMSZ4712T1
EC
26.60
28
29.40
50
0.01
21.2
MMSZ4713T1
ED
28.50
30
31.50
50
0.01
22.8
MMSZ4714T1
EE
31.35
33
34.65
50
0.01
25.0
MMSZ4715T1
EF
34.20
36
37.80
50
0.01
27.3
MMSZ4716T1
EH
37.05
39
40.95
50
0.01
29.6
MMSZ4717T1
EJ
40.85
43
45.15
50
0.01
32.6
3. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30°C ±1°C.
*Not Available in the 10,000/Tape & Reel.


Similar Part No. - MMSZ4682T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ4682T1 ONSEMI-MMSZ4682T1 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ4682T1G ONSEMI-MMSZ4682T1G Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ4682T1G ONSEMI-MMSZ4682T1G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ4682T1G ONSEMI-MMSZ4682T1G Datasheet
168Kb / 7P
   Zener Voltage Regulators 500 mW, Low IZT SOD-123 Surface Mount
April, 2018 - Rev. 12
More results

Similar Description - MMSZ4682T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com