Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIP1SN1300A-QTI Datasheet(PDF) 1 Page - ON Semiconductor

Part # NOIP1SN1300A-QTI
Description  PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN1300A-QTI Datasheet(HTML) 1 Page - ON Semiconductor

  NOIP1SN1300A-QTI Datasheet HTML 1Page - ON Semiconductor NOIP1SN1300A-QTI Datasheet HTML 2Page - ON Semiconductor NOIP1SN1300A-QTI Datasheet HTML 3Page - ON Semiconductor NOIP1SN1300A-QTI Datasheet HTML 4Page - ON Semiconductor NOIP1SN1300A-QTI Datasheet HTML 5Page - ON Semiconductor NOIP1SN1300A-QTI Datasheet HTML 6Page - ON Semiconductor NOIP1SN1300A-QTI Datasheet HTML 7Page - ON Semiconductor NOIP1SN1300A-QTI Datasheet HTML 8Page - ON Semiconductor NOIP1SN1300A-QTI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 2
1
Publication Order Number:
NOIP1SN1300A/D
NOIP1SN1300A
PYTHON 1.3/0.5/0.3 MegaPixels
Global Shutter CMOS
Image Sensors
FEATURES
Size Options:
PYTHON 300: 640 x 480 Active Pixels, 1/4” Optical Format
PYTHON 500: 800 x 600 Active Pixels, 1/3.6” Optical Format
PYTHON 1300: 1280 x 1024 Active Pixels, 1/2” Optical Format
Data Output Options:
P1: 4 LVDS Data Channels
P2: 10 bit Parallel
P3: 2 LVDS Data Channels
4.8 mm x 4.8 mm Low Noise Global Shutter Pixels with In-pixel CDS
Monochrome (SN), Color (SE) and NIR (FN)
Protective Foil Option Available
Zero Row Overhead Time (ZROT) Mode Enabling Higher Frame
Rate
Frame Rate at Full Resolution, 4 LVDS Data Channels (P1 only)
210/165 frames per second @ SXGA (ZROT/NROT)
545/385 frames per second @ SVGA (ZROT/NROT)
815/545 frames per second @ VGA (ZROT/NROT)
Frames Rate at Full Resolution (CMOS)
50/43 Frames per Second @ SXGA (ZROT/NROT)
On−chip 10−bit Analog−to−Digital Converter (ADC)
Four/Two/One LVDS High Speed Serial Outputs or
Parallel CMOS Output
Random Programmable Region of Interest (ROI)
Readout
Serial Peripheral Interface (SPI)
Automatic Exposure Control (AEC)
Phase Locked Loop (PLL)
High Dynamic Range (HDR) Modes Possible
Dual Power Supply (3.3 V and 1.8 V)
−40°C to +85°C Operational Temperature Range
48−pin LCC
Power Dissipation:
620 mW (P1, 4 LVDS, ZROT)
420 mW (P1, P3, 2 LVDS, NROT)
270 mW (P1, P3, 1 LVDS, NROT)
420 mW (P2, ZROT)
These Devices are Pb−Free and are RoHS Compliant
APPLICATIONS
Machine Vision
Motion Monitoring
Security
Barcode Scanning (2D)
DESCRIPTION
The PYTHON 300, PYTHON 500, and PYTHON 1300
image sensors utilize high sensitivity 4.8
mm x 4.8 mm pixels
that support low noise “pipelined” and “triggered” global
shutter readout modes. The sensors support correlated
double sampling (CDS) readout, reducing noise and
increasing dynamic range.
The image sensors have on−chip programmable gain
amplifiers and 10−bit A/D converters. The integration time
and gain parameters can be reconfigured without any visible
image artifact. Optionally the on−chip automatic exposure
control loop (AEC) controls these parameters dynamically.
The image’s black level is either calibrated automatically or
can be adjusted by adding a user programmable offset.
A high level of programmability using a four wire serial
peripheral interface enables the user to read out specific
regions of interest. Up to eight regions can be programmed,
achieving even higher frame rates.
The image data interface of the P1 devices consists of four
LVDS lanes, enabling frame rates up to 210 frames per
second in Zero ROT mode for the PYTHON 1300. Each
channel runs at 720 Mbps. A separate synchronization
channel containing payload information is provided to
facilitate the image reconstruction at the receiving end. The
P2 devices provide a parallel CMOS output interface at
reduced frame rate. The P3 devices are the same as the P1 but
with only two of the four LVDS data channels enabled,
facilitating frame rates of 90 frames per second in Normal
ROT for the PYTHON 1300.
www.onsemi.com
Figure 1. PYTHON 1300


Similar Part No. - NOIP1SN1300A-QTI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A-QTI ONSEMI-NOIP1SN1300A-QTI Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
More results

Similar Description - NOIP1SN1300A-QTI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
   PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com