Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3920 Datasheet(PDF) 4 Page - ON Semiconductor

Part # R3920
Description  Preconfigured DSP System for Hearing Aids
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R3920 Datasheet(HTML) 4 Page - ON Semiconductor

  R3920 Datasheet HTML 1Page - ON Semiconductor R3920 Datasheet HTML 2Page - ON Semiconductor R3920 Datasheet HTML 3Page - ON Semiconductor R3920 Datasheet HTML 4Page - ON Semiconductor R3920 Datasheet HTML 5Page - ON Semiconductor R3920 Datasheet HTML 6Page - ON Semiconductor R3920 Datasheet HTML 7Page - ON Semiconductor R3920 Datasheet HTML 8Page - ON Semiconductor R3920 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RHYTHM R3920
www.onsemi.com
4
SPECIFICATIONS
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Operating Temperature Range
0 to +40
°C
Storage Temperature Range
−20 to +70
°C
Absolute Maximum Power Dissipation
50
mW
Maximum Operating Supply Voltage
1.65
VDC
Absolute Maximum Supply Voltage
1.8
VDC
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
WARNING:
Electrostatic Sensitive Device − Do not open packages or handle except at a static−free workstation.
WARNING:
Moisture Sensitive Device − RoHS Compliant; Level 4 MSL. Do not open packages except under controlled conditions.
Table 2. ELECTRICAL CHARACTERISTICS (Supply Voltage VB = 1.25 V; Temperature = 25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Minimum Operating Supply Voltage
VBOFF
Ramp down, audio path
0.93
0.95
0.97
V
Ramp down, control logic
0.77
0.80
0.83
Supply Voltage Turn On Threshold
VBON
Ramp up, zinc−air
1.06
1.10
1.16
V
Ramp up, NiMH
1.16
1.20
1.24
Hybrid Current
All functions, 32 kHz sampling rate
730
mA
All functions, 16 kHz sampling rate
620
EEPROM Burn Cycles
100 k
cycles
Low Frequency System Limit
125
Hz
High Frequency System Limit
16
kHz
Total Harmonic Distortion
THD
VIN = −40 dBV
1
%
THD at Maximum Input
THDM
VIN = −15 dBV, HRX − ON
3
%
Clock Frequency
fCLK
3.973
4.096
4.218
MHz
REGULATOR
Regulator Voltage
VREG
0.87
0.90
0.93
V
System PSRR
PSRRSYS
1 kHz, Input referred, HRX enabled
70
dB
INPUT
Input Referred Noise
IRN
Bandwidth 100 Hz − 8 kHz
−108
−106
dBV
Input Impedance
ZIN
1 kHz
3
M
W
Anti−aliasing Filter Rejection
f = [DC − 112 kHz], VIN = −40 dBV
80
dB
Crosstalk
Between both A/D and Mux
60
dB
Maximum Input Level
−15
−13
dBV
Analogue Input Voltage Range
VAN_IN
VIN1, VIN2, Al
0
800
mV
VAN_TIN
TIN
−100
800
Input Dynamic Range
HRX − ON Bandwidth
100 Hz − 8 kHz
95
96
dB
Audio Sampling Rate
8
48
kHz
OUTPUT
D/A Dynamic Range
100 Hz − 8 kHz
88
dB
Output Impedance
ZOUT
10
13
W


Similar Part No. - R3920

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3920 ONSEMI-R3920 Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
R3920-CFAB-E1T ONSEMI-R3920-CFAB-E1T Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
More results

Similar Description - R3920

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA3291 ONSEMI-SA3291 Datasheet
169Kb / 20P
   Preconfigured Wireless DSP System for Hearing Aids
March, 2015 ??Rev. 7
GB3225 ONSEMI-GB3225 Datasheet
113Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710_16 Datasheet
147Kb / 18P
   Preconfigured DSP System
June, 2016 ??Rev. 6
R3910 ONSEMI-R3910 Datasheet
172Kb / 22P
   Preconfigured DSP System
August, 2015 ??Rev. 9
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
R3920 ONSEMI-R3920 Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
GA3224 ONSEMI-GA3224 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710 Datasheet
147Kb / 18P
   Preconfigured DSP System
December, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com