Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIP1SN5000A-QTI Datasheet(PDF) 1 Page - ON Semiconductor

Part # NOIP1SN5000A-QTI
Description  PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN5000A-QTI Datasheet(HTML) 1 Page - ON Semiconductor

  NOIP1SN5000A-QTI Datasheet HTML 1Page - ON Semiconductor NOIP1SN5000A-QTI Datasheet HTML 2Page - ON Semiconductor NOIP1SN5000A-QTI Datasheet HTML 3Page - ON Semiconductor NOIP1SN5000A-QTI Datasheet HTML 4Page - ON Semiconductor NOIP1SN5000A-QTI Datasheet HTML 5Page - ON Semiconductor NOIP1SN5000A-QTI Datasheet HTML 6Page - ON Semiconductor NOIP1SN5000A-QTI Datasheet HTML 7Page - ON Semiconductor NOIP1SN5000A-QTI Datasheet HTML 8Page - ON Semiconductor NOIP1SN5000A-QTI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 2
1
Publication Order Number:
NOIP1SN5000A/D
NOIP1SN5000A
PYTHON 5.0/2.0 MegaPixels
Global Shutter CMOS
Image Sensors
Features
Data Output Options
P1: 8 LVDS Data Channels
P3: 4 LVDS Data Channels
Size Options
PYTHON 2000: 1920 x 1200 Active Pixels, 2/3” Optical Format
PYTHON 5000: 2592 x 2048 Active Pixels, 1” Optical Format
4.8 mm x 4.8 mm Low Noise Global Shutter Pixels with
In-pixel CDS
Monochrome (SN), Color (SE) and NIR (FN)
Zero Row Overhead Time Mode Enabling Higher Frame Rate
Frame Rate at Full Resolution, 8 LVDS Data Channels (P1 only)
100/85 frames per second @ 5 MP (Zero ROT/Non−Zero ROT)
230/180 frames per second @ 2 MP (Zero ROT/Non−Zero ROT)
255/200 frames per second @ Full HD (Zero ROT/Non−Zero ROT)
On-chip 10-bit Analog-to-Digital Converter (ADC)
Eight/Four/Two/One LVDS High Speed Serial Outputs
Random Programmable Region of Interest (ROI) Readout
Serial Peripheral Interface (SPI)
Automatic Exposure Control (AEC)
Phase Locked Loop (PLL)
High Dynamic Range (HDR) Modes Possible
Dual Power Supply (3.3 V and 1.8 V)
−40°C to +85°C Operational Temperature Range
84-pin LCC
Power Dissipation
1.45 W (P1, 8 LVDS, NZROT)
915 mW (P1, P3, 4 LVDS, NZROT)
520 mW (P1, P3, 2 LVDS, NZROT)
370 mW (P1, P3, 1 LVDS, NZROT)
These Devices are Pb−Free and are RoHS Compliant
Applications
Machine Vision
Motion Monitoring
Security
Intelligent Traffic Systems (ITS)
Description
The PYTHON 2000 and PYTHON 5000 image sensors
utilize high sensitivity 4.8
mm x 4.8 mm pixels that support
low noise “pipelined” and “triggered” global shutter readout
modes. The sensors support correlated double sampling
(CDS) readout, reducing noise and increasing dynamic
range.
The sensor has on-chip programmable gain amplifiers and
10-bit A/D converters. The integration time and gain
parameters can be reconfigured without any visible image
artifact. Optionally the on-chip automatic exposure control
loop (AEC) controls these parameters dynamically. The
image’s black level is either calibrated automatically or can
be adjusted by adding a user programmable offset.
A high level of programmability using a four wire serial
peripheral interface enables the user to read out specific
regions of interest. Up to sixteen regions can be
programmed, achieving even higher frame rates.
The image data interface of the P1 devices consists of
eight LVDS lanes, facilitating frame rates up to 100 frames
per second in Zero ROT mode for the PYTHON 5000. Each
channel runs at 720 Mbps. A separate synchronization
channel containing payload information is provided to
facilitate the image reconstruction at the receiving end.
The P3 devices are the same as the P1 but with only four
of the eight LVDS data channels enabled, facilitating frame
rates of 45 frames per second in Non Zero ROT (NZROT)
for the PYTHON 5000.
www.onsemi.com
Figure 1. PYTHON 5000


Similar Part No. - NOIP1SN5000A-QTI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
More results

Similar Description - NOIP1SN5000A-QTI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A_16 Datasheet
775Kb / 75P
   PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
June, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com