Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIP1SN2000A-QDI Datasheet(PDF) 7 Page - ON Semiconductor

Part # NOIP1SN2000A-QDI
Description  PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN2000A-QDI Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NOIP1SN2000A-QDI Datasheet HTML 3Page - ON Semiconductor NOIP1SN2000A-QDI Datasheet HTML 4Page - ON Semiconductor NOIP1SN2000A-QDI Datasheet HTML 5Page - ON Semiconductor NOIP1SN2000A-QDI Datasheet HTML 6Page - ON Semiconductor NOIP1SN2000A-QDI Datasheet HTML 7Page - ON Semiconductor NOIP1SN2000A-QDI Datasheet HTML 8Page - ON Semiconductor NOIP1SN2000A-QDI Datasheet HTML 9Page - ON Semiconductor NOIP1SN2000A-QDI Datasheet HTML 10Page - ON Semiconductor NOIP1SN2000A-QDI Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
NOIP1SN5000A
www.onsemi.com
7
Ray Angle and Microlens Array Information
An array of microlenses is placed over the CMOS pixel
array in order to improve the absolute responsivity of the
photodiodes. The combined microlens array and pixel array
has two important properties:
Angular Dependency of Photoresponse of a Pixel
The photoresponse of a pixel with microlens in the center
of the array to a fixed optical power with varied incidence
angle is as plotted in Figure 4, where definitions of angles
fx and fy are as described by Figure 5.
Microlens Shift across Array and CRA
The microlens array is fabricated with a slightly smaller
pitch than the array of photodiodes. This difference in pitch
creates a varying degree of shift of a pixel’s microlens with
regards to its photodiode. A shift in microlens position
versus photodiode position will cause a tilted angle of peak
photoresponse, here denoted Chief Ray Angle (CRA).
Microlenses and photodiodes are aligned with 0 shift and
CRA in the center of the array, while the shift and CRA
increases radially towards its edges, as illustrated by
Figure 6.
The purpose of the shifted microlenses is to improve the
uniformity of photoresponse when camera lenses with
a finite exit pupil distance are used. In the standard version
of Python 5000, the CRA varies nearly linearly with distance
from the center as illustrated in Figure 7, with a corner CRA
of approximately 5.4 degrees. This edge CRA is matching
a lens with exit pupil distance of ~80 mm.
Figure 4. Center Pixel Photoresponse to a Fixed Optical Power with Incidence Angle Varied along fx and fy
Incidence Angle fx, fy
[degrees deviation from normal]
Note that the Photoresponse Peaks near Normal Incidence for Center Pixels


Similar Part No. - NOIP1SN2000A-QDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN2000A ONSEMI-NOIP1SN2000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
More results

Similar Description - NOIP1SN2000A-QDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A_16 Datasheet
775Kb / 75P
   PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
June, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com