Electronic Components Datasheet Search |
|
MMSZ4V3ET1 Datasheet(PDF) 3 Page - ON Semiconductor |
|
MMSZ4V3ET1 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 6 page MMSZ2V4ET1 Series http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA) Device Leakage Current ZZT2 (Note 6) VZ2 (V) (Notes 4 and 5) ZZT1 (Note 6) VZ1 (V) (Notes 4 and 5) Device Marking Device IR @ VR @ IZT2 = 1 mA @ IZT1 = 5 mA Device Marking Device V mA W Max Min W Max Nom Min Device Marking MMSZ20ET1 CN5 19.00 20 21.00 55 18.7 21.1 225 0.05 14 MMSZ22ET1 CN6 20.90 22 23.10 55 20.7 23.2 250 0.05 15.4 MMSZ24ET1 CN7 22.80 24 25.20 70 22.7 25.5 250 0.05 16.8 MMSZ27ET1 CN8 25.65 27 28.35 80 25 28.9 300 0.05 18.9 MMSZ30ET1 CN9 28.50 30 31.50 80 27.8 32 300 0.05 21 MMSZ33ET1 CP1 31.35 33 34.65 80 30.8 35 325 0.05 23.1 MMSZ36ET1 CP2 34.20 36 37.80 90 33.8 38 350 0.05 25.2 MMSZ39ET1 CP3 37.05 39 40.95 130 36.7 41 350 0.05 27.3 MMSZ43ET1 CP4 40.85 43 45.15 150 39.7 46 375 0.05 30.1 MMSZ47ET1 CP5 MMSZ51ET1 CP6 48.45 51 53.55 180 47.6 54 400 0.05 35.7 MMSZ56ET1 CP7 53.20 56 58.80 200 51.5 60 425 0.05 39.2 Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value. 4. The type numbers shown have a standard tolerance of ±5% on the nominal Zener Voltage. 5. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1 ms. 6. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz. |
Similar Part No. - MMSZ4V3ET1 |
|
Similar Description - MMSZ4V3ET1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |