Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27253 Datasheet(PDF) 4 Page - ams AG

Part # TMD27253
Description  The device features advanced proximity measurement
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253 Datasheet(HTML) 4 Page - ams AG

  TMD27253 Datasheet HTML 1Page - ams AG TMD27253 Datasheet HTML 2Page - ams AG TMD27253 Datasheet HTML 3Page - ams AG TMD27253 Datasheet HTML 4Page - ams AG TMD27253 Datasheet HTML 5Page - ams AG TMD27253 Datasheet HTML 6Page - ams AG TMD27253 Datasheet HTML 7Page - ams AG TMD27253 Datasheet HTML 8Page - ams AG TMD27253 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-11] 2016-Sep-20
TMD2725 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
Supply Voltage to Ground
-0.3
2.2
V
LEDA
LED Voltage to PGND
-0.3
3.6
V
VIO
Digital I/O terminal voltage
-0.3
3.6
V
IIO
SDA, INT Output terminal
current
-1
20
mA
Electrostatic Discharge
ISCR
Input Current
(latch up immunity)
JEDEC JESD78D
± 100
mA
Class II
ESDHBM
Electrostatic Discharge
HBM JS-001-2014
± 2000
V
ESDCDM
Electrostatic Discharge
CDM JEDEC JESD22-C101F
± 500
V
Temperature Ranges and Storage Conditions
TA
Operating Ambient
Temperature
-30
85
°C
TSTRG
Storage Temperature Range
-40
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020
The reflow peak soldering
temperature (body temperature)
is specified according to
IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity
Classification for Non-hermetic
Solid State Surface Mount
Devices.”
RHNC
Relative Humidity
(non-condensing)
585
%
MSL
Moisture Sensitivity Level
3
Maximum floor life time 168 hours
Absolute Maximum Ratings


Similar Part No. - TMD27253

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TMD27253 OSRAM-TMD27253 Datasheet
1Mb / 51P
   ALS, and Small Aperture Proximity Sensor Module
v2-00 2023-Feb-22
TMD27253M OSRAM-TMD27253M Datasheet
1Mb / 51P
   ALS, and Small Aperture Proximity Sensor Module
v2-00 2023-Feb-22
More results

Similar Description - TMD27253

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD3700 AMSCO-TMD3700 Datasheet
818Kb / 46P
   The device features advanced Proximity measurement
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
   The device is an advanced proximity sensor
logo
Xilinx, Inc
DS600 XILINX-DS600 Datasheet
254Kb / 11P
   Advanced system features
logo
STMicroelectronics
EV-VND7140AJ STMICROELECTRONICS-EV-VND7140AJ Datasheet
505Kb / 7P
   General device features
September 2015 Rev 2
logo
Future Technology Devic...
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
   FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Future Technology Devic...
FT240X FTDI-FT240X Datasheet
754Kb / 40P
   The FT240X is a USB to parallel FIFO interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
   The FT232B is a USB to serial UART interface with the following advanced features
logo
Littelfuse
PGR-6100 LITTELFUSE-PGR-6100 Datasheet
2Mb / 1P
   The PGR-6100 combines the features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com