Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD37003M Datasheet(PDF) 7 Page - ams AG

Part # TMD37003M
Description  The device features advanced Proximity measurement
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37003M Datasheet(HTML) 7 Page - ams AG

Back Button TMD37003M Datasheet HTML 3Page - ams AG TMD37003M Datasheet HTML 4Page - ams AG TMD37003M Datasheet HTML 5Page - ams AG TMD37003M Datasheet HTML 6Page - ams AG TMD37003M Datasheet HTML 7Page - ams AG TMD37003M Datasheet HTML 8Page - ams AG TMD37003M Datasheet HTML 9Page - ams AG TMD37003M Datasheet HTML 10Page - ams AG TMD37003M Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
ams Datasheet
Page 7
[v1-02] 2016-Aug-19
Document Feedback
TMD3700 − Electrical Characteristics
Figure 10:
Proximity Operating Characteristics
Note(s):
1. Production tested result is the average of 5 readings expressed relative to a calibrated response.
2. Representative result by characterization.
3. Production tested result is the average of 20 readings divided by the average response.
Parameter
Conditions
Min
Typ
Max
Units
Part to part variation(1)
Conditions:
PGAIN = 2 (4x)
PLDRIVE = 8 (54mA)
PPULSE = 15 (16 pulses)
PPULSE_LEN = 1 (8μs)
d=23mm round target
30mm target distance
75
100
125
%
Response, absolute
Basic proximity measurement
Conditions:
PGAIN = 2 (4x)
PLDRIVE = 16 (102mA)
PPULSE = 15 (16 pulses)
PPULSE_LEN = 2 (16μs)
Target material:
90% reflective surface of Kodak gray card
Target Size: 100mm x 100mm
Target Distance: 100mm
Module held by TMD37003SH210T socket
90
113
136
counts
Improved accuracy proximity measurement
using factory programmed offsets in each
device and a supplied driver
85
100
115
Response,
no target using offset
values from 0xE6 and
0xE7
PGAIN = 2 (4x)
ILEDDRIVE = 16 (102mA)
PPULSE = 16 (17 Pulses)
Pulse Length = 2 (16μs)
012
counts
Noise/Signal(3)
PGAIN = 2 (4x)
IRLEDDRIVE = 8 (54mA)
PPULSE = 15 (16 pulses)
PPULSE_LEN = 1 (8μs)
d=23mm round target
30mm target distance
1%


Similar Part No. - TMD37003M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TMD37024VC OSRAM-TMD37024VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TMD37024VCM OSRAM-TMD37024VCM Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
logo
ams AG
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
logo
OSRAM GmbH
TMD3702VC OSRAM-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results

Similar Description - TMD37003M

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2725 AMSCO-TMD2725 Datasheet
1Mb / 50P
   The device features advanced proximity measurement
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
   The device is an advanced proximity sensor
logo
Xilinx, Inc
DS600 XILINX-DS600 Datasheet
254Kb / 11P
   Advanced system features
logo
STMicroelectronics
EV-VND7140AJ STMICROELECTRONICS-EV-VND7140AJ Datasheet
505Kb / 7P
   General device features
September 2015 Rev 2
logo
Future Technology Devic...
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
   FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Future Technology Devic...
FT240X FTDI-FT240X Datasheet
754Kb / 40P
   The FT240X is a USB to parallel FIFO interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
   The FT232B is a USB to serial UART interface with the following advanced features
logo
Littelfuse
PGR-6100 LITTELFUSE-PGR-6100 Datasheet
2Mb / 1P
   The PGR-6100 combines the features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com