Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT475BFCT2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCT475BFCT2G
Description  Industry Standard Digital Temperature Sensor in CSP Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT475BFCT2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCT475BFCT2G Datasheet HTML 3Page - ON Semiconductor NCT475BFCT2G Datasheet HTML 4Page - ON Semiconductor NCT475BFCT2G Datasheet HTML 5Page - ON Semiconductor NCT475BFCT2G Datasheet HTML 6Page - ON Semiconductor NCT475BFCT2G Datasheet HTML 7Page - ON Semiconductor NCT475BFCT2G Datasheet HTML 8Page - ON Semiconductor NCT475BFCT2G Datasheet HTML 9Page - ON Semiconductor NCT475BFCT2G Datasheet HTML 10Page - ON Semiconductor NCT475BFCT2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NCT475
www.onsemi.com
7
Configuration Register
This 8−bit read/write register is used to configure the
NCT475 into its various modes of operation. The different
modes are listed in Table 6 and explained in more detail
below.
Table 6. CONFIGURATION REGISTER
Configuration
Default Value
D7
OS/SMBus Alert
0
D6
Reserved
0
D5
One−shot Mode
0
D4
Fault−queue
0
D3
Fault−queue
0
D2
OS/Alert pin polarity
0
D1
Cmp/Int Mode
0
D0
Shutdown Mode
0
D7: OS/SMBus Alert Mode.
D7 = 0 SMBus alert disabled, pin operates as an over
temperature shutdown pin. (Default)
D7 = 1 Enable SMBus alert functionality for the
NCT475.
D6: Reserved
Write 0 to this bit.
D5: One−Shot Mode
D5 = 0 Part is in normal mode and converting every
60 ms. (Default)
D5 = 1 Setting this bit puts the part into one−shot
mode. The part is normally powered down in this
mode until the one shot register is written to. Once
this register is written to one conversion is
performed and the part returns to its shutdown state.
D[4:3]: Fault Queue
D4 D3 These two bits determine how many over
temperature conditions occur before the OS/Alert
pin is triggered. This helps to prevent false triggering
of the output.
0
0 = 1 Fault (Default)
0
1 = 2 Faults
1
0 = 4 Faults
2
1 = 6 Faults
D2: OS/Alert pin polarity
This selects the polarity of the OS/Alert output pin.
D2 = 0 Output is active low. (Default)
D2 = 1 Output is active high.
D1: Cmp/Int
D1 = 0 Comparator mode. (Default)
D1 = 1 Interrupt mode.
D0: Shutdown
D0 = 0 Normal mode – part is fully powered.
(Default)
D0 = 1 Shutdown mode – all circuitry except for the
SMBus interface is powered down. Write a 0 to this
bit to power up again.
THYST Register
The THYST register stores the temperature hysteresis
value for the overtemperature output. This value is picked to
stop the OS/Alert pin from being asserted and de−asserted
in noisy temperature environments. This limit is stored in the
16 bit register in twos complement format. The MSB is the
temperature sign bit. The 8 MSBs must be read first
followed by the 8 LSBs. The default value is +75
°C.
Table 7. THYST REGISTER
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
1
0
1
1
0
0
0
0
X
X
X
X
TOS Register
This register stores the temperature limit at which the part
asserts an OS/Alert. Once the measured temperature reaches
this value an alert or overtemperature output is generated.
The data is stored in twos complement format with the MSB
as the sign bit. The 8 MSBs must be read frist followed by
the 8 LSBs. The default limit +80
°C.
Table 8. TOS REGISTER
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
0
0
0
0
0
0
0
0
X
X
X
X


Similar Part No. - NCT475BFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
   High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
NCT47SNT1 ONSEMI-NCT47SNT1 Datasheet
66Kb / 4P
   High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
More results

Similar Description - NCT475BFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT275 ONSEMI-NCT275 Datasheet
191Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package with 2-wire Interface
August, 2014 - Rev. 0
NCT75 ONSEMI-NCT75 Datasheet
144Kb / 16P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
May, 2014 ??Rev. 6
NCT75DR2G ONSEMI-NCT75DR2G Datasheet
216Kb / 14P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
August, 2012 ??Rev. 3
NCT375 ONSEMI-NCT375 Datasheet
191Kb / 16P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
June, 2015 ??Rev. 0
logo
Advanced Crystal Techno...
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
   available in industry standard package & specifications
29/06/11
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com