Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2010GSX Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPX2010GSX
Description  10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2010GSX Datasheet(HTML) 2 Page - Motorola, Inc

  MPX2010GSX Datasheet HTML 1Page - Motorola, Inc MPX2010GSX Datasheet HTML 2Page - Motorola, Inc MPX2010GSX Datasheet HTML 3Page - Motorola, Inc MPX2010GSX Datasheet HTML 4Page - Motorola, Inc MPX2010GSX Datasheet HTML 5Page - Motorola, Inc MPX2010GSX Datasheet HTML 6Page - Motorola, Inc MPX2010GSX Datasheet HTML 7Page - Motorola, Inc MPX2010GSX Datasheet HTML 8Page - Motorola, Inc MPX2010GSX Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPX2010 MPXV2010G SERIES
2
Motorola Sensor Device Data
MAXIMUM RATINGS(NOTE)
Rating
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
Pmax
75
kPa
Storage Temperature
Tstg
–40 to +125
°C
Operating Temperature
TA
–40 to +125
°C
NOTE: Exposure beyond the specified limits may cause permanent damage or degradation to the device.
OPERATING CHARACTERISTICS (VS = 10 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
POP
0
10
kPa
Supply Voltage(2)
VS
10
16
Vdc
Supply Current
Io
6.0
mAdc
Full Scale Span(3)
VFSS
24
25
26
mV
Offset(4)
Voff
–1.0
1.0
mV
Sensitivity
∆V/∆P
2.5
mV/kPa
Linearity(5)
–1.0
1.0
%VFSS
Pressure Hysteresis(5) (0 to 10 kPa)
±0.1
%VFSS
Temperature Hysteresis(5) (–40
°C to +125°C)
±0.5
%VFSS
Temperature Effect on Full Scale Span(5)
TCVFSS
–1.0
1.0
%VFSS
Temperature Effect on Offset(5)
TCVoff
–1.0
1.0
mV
Input Impedance
Zin
1000
2550
Output Impedance
Zout
1400
3000
Response Time(6) (10% to 90%)
tR
1.0
ms
Warm–Up
20
ms
Offset Stability(7)
±0.5
%VFSS
NOTES:
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self–heating.
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
5. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure, using end point method, over the specified
pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential pressure
applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• TcSpan:
Output deviation at full rated pressure over the temperature range of 0 to 85
°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
°C, relative
to 25
°C.
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
7. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPX2010GSX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2010GSX MOTOROLA-MPX2010GSX Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPX2010GSX FREESCALE-MPX2010GSX Datasheet
358Kb / 14P
   10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010GSX FREESCALE-MPX2010GSX Datasheet
352Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2010GSX NXP-MPX2010GSX Datasheet
420Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 13, 10/2008
More results

Similar Description - MPX2010GSX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM2010 FREESCALE-MPXM2010 Datasheet
259Kb / 9P
   10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPXM2010 MOTOROLA-MPXM2010 Datasheet
91Kb / 8P
   10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2010 FREESCALE-MPX2010 Datasheet
358Kb / 14P
   10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2010 NXP-MPX2010 Datasheet
420Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 13, 10/2008
logo
Freescale Semiconductor...
MPX2010 FREESCALE-MPX2010_08 Datasheet
352Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
   200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPX2053 MOTOROLA-MPX2053 Datasheet
191Kb / 12P
   50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com