Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR240RL Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUR240RL
Description  SWITCHMODE Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR240RL Datasheet(HTML) 3 Page - ON Semiconductor

  MUR240RL Datasheet HTML 1Page - ON Semiconductor MUR240RL Datasheet HTML 2Page - ON Semiconductor MUR240RL Datasheet HTML 3Page - ON Semiconductor MUR240RL Datasheet HTML 4Page - ON Semiconductor MUR240RL Datasheet HTML 5Page - ON Semiconductor MUR240RL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MUR240
http://onsemi.com
3
0
0.1
10
1000
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Maximum Reverse Current
300
400
1.0
100
200
IR @ 175°C
25
°C
100
°C
VR, REVERSE VOLTAGE (VOLTS)
0
100
200
0.001
0.1
1.0
400
Figure 4. Typical Reverse Current
300
0.01
100
°C
25
°C
100
IR @ 175°C
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
0.5
1.0
1.5
2.5
0
0.5
1.0
1.5
2.0
3.0
TA, AMBIENT TEMPERATURE (°C)
050
0
2.0
1.0
3.0
5.0
4.0
200
Figure 5. Current Derating
Figure 6. Power Dissipation
Figure 7. Typical Capacitance
150
100
dc
SQUARE WAVE
SQUARE WAVE
dc
0
10
25
30
0
10
20
VR, REVERSE VOLTAGE (VOLTS)
TJ = 25°C
30
40
50
5.0
20
Figure 8. Maximum Capacitance
0
10
30
35
0
10
20
VR, REVERSE VOLTAGE (VOLTS)
TJ = 25°C
30
40
50
5.0
20
10
2.5
2.0
15
15
25
100


Similar Part No. - MUR240RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR240RL ONSEMI-MUR240RL Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
MUR240RLG ONSEMI-MUR240RLG Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
More results

Similar Description - MUR240RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com