Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT1008DMN3R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCT1008DMN3R2G
Description  Temperature Monitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT1008DMN3R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCT1008DMN3R2G Datasheet HTML 1Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 2Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 3Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 4Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 5Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 6Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 7Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 8Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 6
1
Publication Order Number:
NCT1008/D
NCT1008
+15C Temperature Monitor
with Series Resistance
Cancellation
The NCT1008 is a dual-channel digital thermometer and
undertemperature/overtemperature alarm, intended for use in PCs and
thermal management systems. It is register-compatible with the
ADM1032 and ADT7461. A feature of the NCT1008 is series
resistance cancellation, where up to 1.5 k
W (typical) of resistance in
series with the temperature monitoring diode can be automatically
cancelled from the temperature result, allowing noise filtering. The
NCT1008 has a configurable ALERT output and an extended,
switchable temperature measurement range.
The NCT1008 can measure the temperature of a remote thermal
diode accurate to 1C and the ambient temperature accurate to 3C.
The temperature measurement range defaults to 0C to +127C,
compatible with the ADM1032, but it can be switched to a wider
measurement range of −64C to +191C.
The NCT1008 communicates over a 2-wire serial interface,
compatible with system management bus (SMBus/I2C) standards. The
default SMBus/I2C address of the NCT1008 is 0x4C. An NCT1008D
is available with an SMBus/I2C address of 0x4D. This is useful if more
than one NCT1008 is used on the same SMBus/I2C.
An ALERT output signals when the on-chip or remote temperature
is out of range. The THERM output is a comparator output that allows
on/off control of a cooling fan. The ALERT output can be
reconfigured as a second THERM output, if required.
Features
On-chip and Remote Temperature Sensor
0.25C Resolution/1C Accuracy on Remote Channel
1C Resolution/1C Accuracy on Local Channel
Series Resistance Cancellation Up to 1.5 kW
Extended, Switchable Temperature Measurement Range
0C to +127C (Default) or –64C to +191C
Register-compatible with ADM1032 and ADT7461
Remote THERM Limit of 108C
2-wire SMBus/I2C Serial Interface with SMBus Alert Support
Programmable Over/Undertemperature Limits
Offset Registers for System Calibration
Up to Two Overtemperature Fail-safe THERM Outputs
Small 8-lead DFN
240 mA Operating Current, 5 mA Standby Current
Compatible with 1.8 V Logic
Pb-Free Packages are Available
Applications
Smart Phones
Desktop and Notebook Computers
Smart Batteries
Automotive
Embedded Systems
MARKING DIAGRAMS
http://onsemi.com
PIN ASSIGNMENT
DFN8
CASE 506BJ
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
NCT
1008x
ALYWG
G
1
8
x
= C or D
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
(Note: Microdot may be in either location)
WDFN8
CASE 511AT
8xMG
G
1
VDD
ALERT/
THERM2
(Top View)
D+
D−
THERM
SCLK
SDATA
GND
1
2
3
4
8
7
6
5
8x
= Device Code (Where x = C or D)
M
= Date Code
G
= Pb-Free Package
WDFN8
DFN8


Similar Part No. - NCT1008DMN3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT1008DMN3R2G ONSEMI-NCT1008DMN3R2G Datasheet
287Kb / 20P
   짹1?C Temperature Monitor with Series Resistance Cancellation
August, 2010 ??Rev. 3
More results

Similar Description - NCT1008DMN3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVT210 ONSEMI-NVT210_15 Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NCT214 ONSEMI-NCT214_16 Datasheet
246Kb / 19P
   Temperature Monitor
April, 2014 ??Rev. 4
logo
Maxim Integrated Produc...
DS9108 MAXIM-DS9108 Datasheet
61Kb / 3P
   Concrete Temperature Monitor
REV: 102106
logo
List of Unclassifed Man...
3011R-17X-0001 ETC2-3011R-17X-0001 Datasheet
114Kb / 3P
   enGage II Temperature Monitor
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
International Rectifier
IRAM136-3023B IRF-IRAM136-3023B_15 Datasheet
225Kb / 16P
   Temperature Monitor and Protection
logo
ON Semiconductor
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
International Rectifier
IRAM136-3063B IRF-IRAM136-3063B_15 Datasheet
237Kb / 17P
   Temperature Monitor and Protection
IRAMY20UP60B IRF-IRAMY20UP60B_15 Datasheet
277Kb / 16P
   Temperature Monitor and Protection
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com