Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117IDTX-3.3 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1117IDTX-3.3
Description  800mA Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117IDTX-3.3 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1117IDTX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM1117IDTX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM1117IDTX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM1117IDTX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM1117IDTX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LM1117IDTX-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LM1117IDTX-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LM1117IDTX-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LM1117IDTX-3.3 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Application Note (Continued)
The LM1117 regulators have internal thermal shutdown to
protect the device from over-heating. Under all possible
operating conditions, the junction temperature of the LM1117
must be within the range of 0˚C to 125˚C. A heatsink may be
required depending on the maximum power dissipation and
maximum ambient temperature of the application. To deter-
mine if a heatsink is needed, the power dissipated by the
regulator, P
D , must be calculated:
I
IN =IL +IG
P
D =(VIN-VOUT)I L +VINIG
Figure 6 shows the voltages and currents which are present
in the circuit.
The next parameter which must be calculated is the maxi-
mum allowable temperature rise, T
R(max):
T
R(max) = TJ(max)-TA(max)
where T
J(max) is the maximum allowable junction tempera-
ture (125˚C), and T
A(max) is the maximum ambient tem-
perature which will be encountered in the application.
Using the calculated values for T
R(max) and PD, the maxi-
mum allowable value for the junction-to-ambient thermal
resistance (
θ
JA) can be calculated:
θ
JA =TR(max)/PD
If the maximum allowable value for
θ
JA
is found to be
≥136˚C/W for SOT-223 package or ≥79˚C/W for TO-220
package or
≥92˚C/W for TO-252 package, no heatsink is
needed since the package alone will dissipate enough heat
to satisfy these requirements. If the calculated value for
θ
JA
falls below these limits, a heatsink is required.
As a design aid, Table 1 shows the value of the
θ
JA of
SOT-223 and TO-252 for different heatsink area. The copper
patterns that we used to measure these
θ
JAs are shown at
the end of the Application Notes Section. Figure 7 and Figure
8 reflects the same test results as what are in the Table 1
Figure 9 and Figure 10 shows the maximum allowable power
dissipation vs. ambient temperature for the SOT-223 and
TO-252 device. Figures Figure 11 and Figure 12 shows the
maximum allowable power dissipation vs. copper area (in
2)
for the SOT-223 and TO-252 devices. Please see AN1028
for power enhancement techniques to be used with SOT-223
and TO-252 packages.
*Application Note AN-1187 discusses improved thermal per-
formance and power dissipation for the LLP.
TABLE 1.
θ
JA Different Heatsink Area
Layout
Copper Area
Thermal Resistance
Top Side (in
2)*
Bottom Side (in
2)(
θ
JA,˚C/W) SOT-223
(
θ
JA,˚C/W) TO-252
1
0.0123
0
136
103
2
0.066
0
123
87
3
0.3
0
84
60
4
0.53
0
75
54
5
0.76
0
69
52
61
0
66
47
7
0
0.2
115
84
8
0
0.4
98
70
9
0
0.6
89
63
10
0
0.8
82
57
11
0
1
79
57
12
0.066
0.066
125
89
13
0.175
0.175
93
72
10091937
FIGURE 5. Cross-sectional view of Integrated Circuit
Mounted on a printed circuit board. Note that the case
temperature is measured at the point where the leads
contact with the mounting pad surface
10091916
FIGURE 6. Power Dissipation Diagram
www.national.com
11


Similar Part No. - LM1117IDTX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117IDTX-3.3 NSC-LM1117IDTX-3.3 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117IDTX-3.3 TI1-LM1117IDTX-3.3 Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IDTX-3.3 TI1-LM1117IDTX-3.3 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
LM1117IDTX-3.3/NOPB TI1-LM1117IDTX-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IDTX-3.3/NOPB TI1-LM1117IDTX-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117IDTX-3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com