Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1200Y2PFBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1200Y2PFBT
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200Y2PFBT Datasheet(HTML) 2 Page - Texas Instruments

  MSC1200Y2PFBT Datasheet HTML 1Page - Texas Instruments MSC1200Y2PFBT Datasheet HTML 2Page - Texas Instruments MSC1200Y2PFBT Datasheet HTML 3Page - Texas Instruments MSC1200Y2PFBT Datasheet HTML 4Page - Texas Instruments MSC1200Y2PFBT Datasheet HTML 5Page - Texas Instruments MSC1200Y2PFBT Datasheet HTML 6Page - Texas Instruments MSC1200Y2PFBT Datasheet HTML 7Page - Texas Instruments MSC1200Y2PFBT Datasheet HTML 8Page - Texas Instruments MSC1200Y2PFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
MSC1200
2
SBAS289E
www.ti.com
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
FLASH
PACKAGE
TEMPERATURE
PACKAGE
PRODUCT
MEMORY
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
MSC1200Y2
4k
TQFP-48
PFB
–40
°C to +85°C
MSC1200Y2
MSC1200Y2
4k
""
"
"
MSC1200Y3
8k
TQFP-48
PFB
–40
°C to +85°C
MSC1200Y3
MSC1200Y3
8k
""
"
"
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or refer to our web site at
www.ti.com/msc.
ABSOLUTE MAXIMUM RATINGS(1)
Analog Inputs
Input Current ............................................................ 100mA, Momentary
Input Current .............................................................. 10mA, Continuous
Input Voltage ............................................. AGND – 0.3V to AVDD + 0.3V
Power Supply
DVDD to DGND ...................................................................... –0.3V to 6V
AVDD to AGND ...................................................................... –0.3V to 6V
AGND to DGND .............................................................. –0.3V to +0.3V
VREF to AGND ....................................................... –0.3V to AVDD + 0.3V
Digital Input Voltage to DGND .............................. –0.3V to DVDD + 0.3V
Digital Output Voltage to DGND ........................... –0.3V to DVDD + 0.3V
Maximum Junction Temperature ................................................ +150
°C
Operating Temperature Range ...................................... –40
°C to +85°C
Storage Temperature Range ....................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................ +235
°C
Package Power Dissipation ............................... (TJ Max – TAMBIENT)/θJA
Output Current All Pins ................................................................ 200mA
Output Pin Short Circuit ..................................................................... 10s
Thermal Resistance, Junction-to-Ambient
(
θ
JA) ....................... 56.5°C/W
Thermal Resistance, Junction-to-Case (
θ
JC) ........................... 12.8°C/W
Digital Outputs
Output Current ......................................................... 100mA, Continuous
I/O Source/Sink Current ............................................................... 100mA
Power Pin Maximum .................................................................... 300mA
NOTE: (1) Stresses beyond those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
FEATURES(1)
MSC1200Y2(2)
MSC1200Y3(2)
Flash Program Memory (Bytes)
Up to 4k
Up to 8k
Flash Data Memory (Bytes)
Up to 2k
Up to 4k
Internal Scratchpad RAM (Bytes)
128
128
NOTES: (1) All peripheral features are the same on all devices; the flash
memory size is the only difference. (2) The last digit of the part number (N)
represents the onboard flash size = (2N)kBytes.
MSC1200Yx FAMILY FEATURES
ELECTRICAL CHARACTERISTICS: AVDD = 5V
All specifications from TMIN to TMAX, DVDD = +2.7V to 5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, Bipolar, and VREF ≡ (REF IN+) – (REF IN–) = +2.5V,
unless otherwise noted.
MSC1200Yx
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN0-AIN7, AINCOM)
Analog Input Range
Buffer OFF
AGND – 0.1
AVDD + 0.1
V
Buffer ON
AGND + 50mV
AVDD – 1.5
V
Full-Scale Input Voltage Range
(In+) – (In–)
±V
REF/PGA
V
Differential Input Impedance
Buffer OFF
7/PGA
M
Input Current
Buffer ON
0.5
nA
Bandwidth
Fast Settling Filter
–3dB
0.469 • fDATA
Sinc2 Filter
–3dB
0.318 • fDATA
Sinc3 Filter
–3dB
0.262 • fDATA
Programmable Gain Amplifier
User-Selectable Gain Ranges
1
128
Input Capacitance
Buffer ON
7
pF
Input Leakage Current
Multiplexer Channel Off, T = +25
°C
0.5
pA
Burnout Current Sources
Buffer ON
±2
µA
ADC OFFSET DAC
Offset DAC Range
±V
REF/(2 • PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±1.0
% of Range
Offset DAC Gain Error Drift
0.6
ppm/
°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.


Similar Part No. - MSC1200Y2PFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200Y2PFBT TI1-MSC1200Y2PFBT Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200Y2PFBT TI-MSC1200Y2PFBT Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1200Y2PFBT TI1-MSC1200Y2PFBT Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200Y2PFBTG4 TI1-MSC1200Y2PFBTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200Y2PFBTG4 TI-MSC1200Y2PFBTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
More results

Similar Description - MSC1200Y2PFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com