Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC18T12-9L Datasheet(PDF) 1 Page - Artesyn Technologies

Part # APC18T12-9L
Description  Total Power: 75 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

APC18T12-9L Datasheet(HTML) 1 Page - Artesyn Technologies

  APC18T12-9L Datasheet HTML 1Page - Artesyn Technologies APC18T12-9L Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
APC18
75 Watts
Total Power:
75 Watts
Input Voltages: 10.0 - 14.0 V
# of Outputs:
Single
SPECIAL FEATURES
ƒ
Point-of-load (POL) applications)
ƒ
High current slew rate at 2.5 A / μS1
ƒ
Open frame SMT
ƒ
High efficiency, 3.3 V @ 92% typical
ƒ
Adjustable output through external
resistor programming
ƒ
-40 °C to +85 °C ambient operating
temperature
ƒ
UVLO protection
ƒ
Positive Enable function
ƒ
Low output ripple and noise
ƒ
Regulation to zero load
SAFETY
ƒ
UL/cUL 60950 Recognized
ƒ
TÜV EN60950 Licensed
Electrical Specifications
Input
Input voltage range
10.0 = 14.0 V
Input surge
15 V
Efficiency
3.3 V @ 92% typical
Control
Enable
TTL compatible (positive enable
Output
Regulation (line, Load, Temp)
<3%
Load current
18 A max
Ripple and noise1
50 mV
Output adjust range
0.75 V - 5.5 V
Current slew rate
up to 2.5 A / μS
Transient response1
3% typical deviation (for 5 Vo) for 50% to 75% step load
200 μS recovery
Remote sense
10% of Vo
Turn on input voltage
10 V (typical)
UVLO hysteresis
1 V (typical)
OCP/OTP
Hiccup - auto recovery
Isolation
Non-isolated module
Data Sheet


Similar Part No. - APC18T12-9L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC18T12-9 ASTEC-APC18T12-9 Datasheet
433Kb / 2P
   75 Watts
APC18T12-9 ASTEC-APC18T12-9 Datasheet
2Mb / 10P
   12Vin / 18A Non-Isolated Point-of-Load
APC18T12-9J ASTEC-APC18T12-9J Datasheet
433Kb / 2P
   75 Watts
APC18T12-9J ASTEC-APC18T12-9J Datasheet
2Mb / 10P
   12Vin / 18A Non-Isolated Point-of-Load
More results

Similar Description - APC18T12-9L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ00ZPFC-01NL ARTESYN-AIQ00ZPFC-01NL Datasheet
464Kb / 3P
   Total Power: 75 Watts
AVD75-48S3V3-6L ARTESYN-AVD75-48S3V3-6L Datasheet
1Mb / 3P
   Total Power: 75 Watts
AVO75-48S1V2-4 ARTESYN-AVO75-48S1V2-4 Datasheet
1Mb / 3P
   Total Power: 75 Watts
ERM15A72 ARTESYN-ERM15A72 Datasheet
443Kb / 2P
   Total Power: 75 W
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com