Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JC22E Datasheet(PDF) 3 Page - Copal Electronics

Part # JC22E
Description  CONDUCTIVE PLASTIC SINGLE TURN TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

JC22E Datasheet(HTML) 3 Page - Copal Electronics

  JC22E Datasheet HTML 1Page - Copal Electronics JC22E Datasheet HTML 2Page - Copal Electronics JC22E Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
R 16.5
m
ax.
(30°
)
(30°)
3 –
1.5
Terminal width 3
φ
1.6
10
12
8
14
(34)
M 9 (P = 0.75)
2
3
1
2
3
Wiring diagram
CW
M 9
P = 0.75
12
1. Nut
2. Washer
2
0.5
1
9.4
12.9
φ
φ
30°
30°
R 17
m
ax.
15
± 0.05
φ
3 – M 2
D = 3.0 min.
1
2
3
13.4
1.57
23.8
15
1.57
3.66
Green
Approx.50°
1 2
3
Green Red
3 – M 3 P = 0.5
D = 3.0 min.
120
°
19
20
φ
19
° 19°
11.5
17
15
1.57
1.57
1.5
32
Approx.
1 2
3
Green
Green
Red
16
°
16
°
3 - M 3 (P = 0.5)
D = 3.0 min.
25
m
ax.
120
°
45°
20
20
13.3
2.36
1.57
1.86
30
φ
OUTLINE DIMENSIONS
(Unit : mm)
O JC22E
JC
POTENTIOMETERS
JC22E, JC22S
JC30S, JC40S
(JC22E Accessories)
O JC22S
O JC30S
O JC40S


Similar Part No. - JC22E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC201 ETC-JC201 Datasheet
80Kb / 6P
   AC Solid State Relay
JC201DC ETC-JC201DC Datasheet
80Kb / 6P
   AC Solid State Relay
JC201DN ETC-JC201DN Datasheet
80Kb / 6P
   AC Solid State Relay
JC202PC1 ETC1-JC202PC1 Datasheet
66Kb / 4P
   AC Solid State Relay
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
More results

Similar Description - JC22E

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CRV16 COPAL-CRV16 Datasheet
68Kb / 2P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
JC10_SERIES COPAL-JC10_SERIES Datasheet
69Kb / 2P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
logo
Vishay Siliconix
708 VISHAY-708 Datasheet
342Kb / 4P
   (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
308 VISHAY-308 Datasheet
350Kb / 4P
   2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
   2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 22-Mar-07
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
   7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 02-Jul-07
logo
Bi technologies
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
6143 BITECH-6143 Datasheet
83Kb / 4P
   7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
logo
Vishay Siliconix
128 VISHAY-128 Datasheet
347Kb / 4P
   1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
208 VISHAY-208 Datasheet
103Kb / 4P
   1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com