Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC22G-105 Datasheet(PDF) 2 Page - Copal Electronics

Part # LC22G-105
Description  DC GEARED MOTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LC22G-105 Datasheet(HTML) 2 Page - Copal Electronics

  LC22G-105 Datasheet HTML 1Page - Copal Electronics LC22G-105 Datasheet HTML 2Page - Copal Electronics LC22G-105 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Gear ratio
1/10
1/30
1/50
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Gear ratio
1/10
1/30
1/50
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Gear ratio
1/10
1/25
1/50
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Gear ratio
1/10
1/25
1/50
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Part number
Rated voltage
Rated torque
Rated speed
Rated current
No load speed
No load current
Starting torque
Starting current
LC22G-103
LC22G-105
LC22G-107
LC22G-108
LC22G
DC GEARED MOTORS
STANDARD SPECIFICATIONS
PERFORMANCE CURVES
24 V
12 V
24 V
12 V
1.96 mN·m
4900 min
-1
80 mA
5100 min
-1
160 mA
7000 min
-1
105 mA
6100 min
-1
180 mA
6100 min
-1
8100 min
-1
7300 min
-1
25 mA
50 mA
30 mA
60 mA
10.0 mN·m
11.96 mN·m
14.42 mN·m
11.96 mN·m
350 mA
850 mA
550 mA
600 mA
<Motor only>
<With gearbox>
578
234
121
60
40.5
20.9
12.4
6.1
4.1
4.9
7.8
9.8
14.7
24.5
0.04
0.03
610
244
122
61
41
21
12.5
6.1
4.1
mN·m
min
-1
min
-1
A
LC22G-103
600
244
122
61
40.5
20.4
12.4
6.2
4.1
4.9
7.8
9.8
14.7
24.5
0.06
620
248
124
62
41
20.5
12.5
6.2
4.1
mN·m
min
-1
min
-1
A
LC22G-105
718
237
138
69
45
23.5
14
7.6
5.2
14.7
49.0
78.5 166.7 196.1
294.2
0.1
0.11
0.12
0.1
0.07
800
267
160
80
53
26.5
16
8
5.3
LC22G-107
670
215
126
64.5
42.5
22
13.5
6.8
4.7
14.7
49.0
78.5 166.7 196.1
294.2
0.2
0.17
0.15
0.11
0.08
720
240
144
72
48
24
14.5
7.2
4.8
LC22G-108
Motor only
Gear ratio 1/100
Gear ratio 1/100
Motor only
(Figures in the table are typical values under rated operating condition.)
8000
6000
4000
2000
0
400
300
200
100
80
60
40
20
0
1.96
3.92
5.88
7.84
LC22G - 107
LC22G - 108
80
60
40
20
0
400
300
200
100
0
196
392
588
784
LC22G - 107
LC22G - 108
24
V
T- N
24
V
T-
N
24
V
T- I
12V
T- N
12
V
T- N
24
V
T
- I
T-
η
I
[ mA ]
η
[
%]
N
[ min-1 ]
I
[ mA ]
η
[
%]
N
[ min-1 ]
I
[ mA ]
N
[ min-1 ]
I
[ mA ]
N
[ min-1 ]
8000
6000
4000
2000
0
400
300
200
100
80
60
40
20
0
0.98
1.96
2.94
3.92
LC22G - 103
LC22G - 105
80
60
40
20
0
100
80
60
40
0
9.8
19.6
29.4
39.2
LC22G - 103
LC22G - 105
24 V T- N
24 V
T- N
24 V T
- I
12 V T- N
12 V
T- I
12
V
, 24
V
T
- η
24 V
T- I
12 V
T-
I
12 V
T- N
mN m
mN m
mN m
mN m
Torque
Torque
Torque
Torque
mN·m
min
-1
min
-1
A
mN·m
min
-1
min
-1
A


Similar Part No. - LC22G-105

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC22 MICROSEMI-LC22 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC22 MICROSEMI-LC22 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC22 MICROSEMI-LC22 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC22 NJSEMI-LC22 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC22004A ETC1-LC22004A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
More results

Similar Description - LC22G-105

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
LC30G COPAL-LC30G Datasheet
70Kb / 2P
   DC GEARED MOTORS
HG16 COPAL-HG16 Datasheet
58Kb / 2P
   DC GEARED MOTORS
LA16G324B COPAL-LA16G324B Datasheet
75Kb / 2P
   DC GEARED MOTORS
MG16B COPAL-MG16B Datasheet
69Kb / 2P
   DC GEARED MOTORS
HG37 COPAL-HG37 Datasheet
64Kb / 2P
   DC GEARED MOTORS
logo
List of Unclassifed Man...
LC37G ETC1-LC37G Datasheet
116Kb / 2P
   DC GEARED MOTORS
logo
Copal Electronics
LC20G COPAL-LC20G Datasheet
53Kb / 2P
   DC GEARED MOTORS
logo
Mitsumi Electronics, Co...
M22E-13G MITSUMI-M22E-13G Datasheet
213Kb / 1P
   Geared Motors
M24N-1 MITSUMI-M24N-1 Datasheet
40Kb / 1P
   DC Mini-Motors
M28N-1 MITSUMI-M28N-1 Datasheet
47Kb / 1P
   DC Mini-Motors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com