Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC22G-108 Datasheet(PDF) 1 Page - Copal Electronics

Part # LC22G-108
Description  DC GEARED MOTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LC22G-108 Datasheet(HTML) 1 Page - Copal Electronics

  LC22G-108 Datasheet HTML 1Page - Copal Electronics LC22G-108 Datasheet HTML 2Page - Copal Electronics LC22G-108 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC GEARED MOTORS
LC22G
Gear ratio
Part number
Part number
1/10
1/25
1/50
1/100
1/150
1/300
1/500
1/1000
1/1500
PART NUMBER DESIGNATION
LIST OF PART NUMBERS
L C 2 2 G - 1 0 3 1 / 1 0
Series name
Gear ratio
1/10
1/150
1/25
1/300
1/30
1/500
1/50
1/1000
1/100
1/1500
LC22G-103DC 24 V
LC22G-105DC 12 V
LC22G-107DC 24 V
LC22G-108DC 12 V
LC22G-103 1/10
LC22G-103 1/25
LC22G-103 1/50
LC22G-103 1/100
LC22G-103 1/150
LC22G-103 1/300
LC22G-103 1/500
LC22G-103 1/1000
A LC22G-103 1/1500
LC22G-105 1/10
LC22G-105 1/25
LC22G-105 1/50
LC22G-105 1/100
LC22G-105 1/150
LC22G-105 1/300
LC22G-105 1/500
A LC22G-105 1/1000
A LC22G-105 1/1500
Gear ratio
Part number
Part number
1/10
1/30
1/50
1/100
1/150
1/300
1/500
1/1000
1/1500
LC22G-107 1/10
LC22G-107 1/30
LC22G-107 1/50
LC22G-107 1/100
LC22G-107 1/150
LC22G-107 1/300
LC22G-107 1/500
A LC22G-107 1/1000
A LC22G-107 1/1500
LC22G-108 1/10
LC22G-108 1/30
LC22G-108 1/50
LC22G-108 1/100
LC22G-108 1/150
LC22G-108 1/300
LC22G-108 1/500
A LC22G-108 1/1000
A LC22G-108 1/1500
※Verify the above part numbers when placing orders.
The products indicated by
A mark are manufactured upon receipt of order basis.
Weight : approx. 60 g
Gear ratio 1/10
Weight : approx. 110 g
Gear ratio 1/10
RoHS compliant
LC22G-107
LC22G-108
LC22G-103
LC22G-105


Similar Part No. - LC22G-108

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC22 MICROSEMI-LC22 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC22 MICROSEMI-LC22 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC22 MICROSEMI-LC22 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC22 NJSEMI-LC22 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC22004A ETC1-LC22004A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
More results

Similar Description - LC22G-108

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
LC30G COPAL-LC30G Datasheet
70Kb / 2P
   DC GEARED MOTORS
HG16 COPAL-HG16 Datasheet
58Kb / 2P
   DC GEARED MOTORS
LA16G324B COPAL-LA16G324B Datasheet
75Kb / 2P
   DC GEARED MOTORS
MG16B COPAL-MG16B Datasheet
69Kb / 2P
   DC GEARED MOTORS
HG37 COPAL-HG37 Datasheet
64Kb / 2P
   DC GEARED MOTORS
logo
List of Unclassifed Man...
LC37G ETC1-LC37G Datasheet
116Kb / 2P
   DC GEARED MOTORS
logo
Copal Electronics
LC20G COPAL-LC20G Datasheet
53Kb / 2P
   DC GEARED MOTORS
logo
Mitsumi Electronics, Co...
M22E-13G MITSUMI-M22E-13G Datasheet
213Kb / 1P
   Geared Motors
M24N-1 MITSUMI-M24N-1 Datasheet
40Kb / 1P
   DC Mini-Motors
M28N-1 MITSUMI-M28N-1 Datasheet
47Kb / 1P
   DC Mini-Motors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com