Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS401D-6-Z Datasheet(PDF) 6 Page - Copal Electronics

Part # MFS401D-6-Z
Description  Sub-miniature Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MFS401D-6-Z Datasheet(HTML) 6 Page - Copal Electronics

  MFS401D-6-Z Datasheet HTML 1Page - Copal Electronics MFS401D-6-Z Datasheet HTML 2Page - Copal Electronics MFS401D-6-Z Datasheet HTML 3Page - Copal Electronics MFS401D-6-Z Datasheet HTML 4Page - Copal Electronics MFS401D-6-Z Datasheet HTML 5Page - Copal Electronics MFS401D-6-Z Datasheet HTML 6Page - Copal Electronics MFS401D-6-Z Datasheet HTML 7Page - Copal Electronics MFS401D-6-Z Datasheet HTML 8Page - Copal Electronics MFS401D-6-Z Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MFS
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
6
ON
ON
2−1
5−4
2−3
5−6
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
6
ON
ON
2−1
5−4
2−3
5−6
MFS201N−21−Z
■PC Hole Layouts
  
(Top view)
■PC Hole Layouts
  
(Top view)
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Rating
Max.
DC30V 0.3A(Resistive load)
Min.
DC5V 10mA(Resistive load)
Initial contact resistance
20mΩ Max.
Dielectric strength
AC500V 1 minute
Insulation resistance
100MΩ Min.
Electrical life
5,000 cycles
Operating force
2.45±0.98N
Switch timing
Non-shorting
Rating
Max.
DC30V 0.3A(Resistive load)
Min.
DC5V 10mA(Resistive load)
Initial contact resistance
20mΩ Max.
Dielectric strength
AC500V 1 minute
Insulation resistance
100MΩ Min.
Electrical life
5,000 cycles
Operating force
4.41±1.47N
Switch timing
Shorting
Non-shorting
★ MFS201N−20−Z
Shorting
★:Made to order products.


Similar Part No. - MFS401D-6-Z

ManufacturerPart #DatasheetDescription
logo
Heyco.
MFS4 HEYCO-MFS4 Datasheet
123Kb / 1P
   Nylon Male/Female Threaded Hex Supports
logo
ATGBICS by Approved Tec...
MFS4R12CB-005-C ATGBICS-MFS4R12CB-005-C Datasheet
245Kb / 9P
   MFS4R12CB-005 NVIDIA Mellanox Compatible Active Optical Cable 40G QSFP (5m)
MFS4R12CB-010-C ATGBICS-MFS4R12CB-010-C Datasheet
245Kb / 9P
   MFS4R12CB-010 NVIDIA Mellanox Compatible Active Optical Cable 40G QSFP (10m)
MFS4R12CB-015-C ATGBICS-MFS4R12CB-015-C Datasheet
245Kb / 9P
   MFS4R12CB-015 NVIDIA Mellanox Compatible Active Optical Cable 40G QSFP (15m)
MFS4R12CB-020-C ATGBICS-MFS4R12CB-020-C Datasheet
245Kb / 9P
   MFS4R12CB-020 NVIDIA Mellanox Compatible Active Optical Cable 40G QSFP (20m)
More results

Similar Description - MFS401D-6-Z

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
   Sub-Miniature Slide Switches
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
   Sub-Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com