Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N1924A Datasheet(PDF) 11 Page - Keysight Technologies

Part # N1924A
Description  Wideband Power Sensors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N1924A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button N1924A Datasheet HTML 7Page - Keysight Technologies N1924A Datasheet HTML 8Page - Keysight Technologies N1924A Datasheet HTML 9Page - Keysight Technologies N1924A Datasheet HTML 10Page - Keysight Technologies N1924A Datasheet HTML 11Page - Keysight Technologies N1924A Datasheet HTML 12Page - Keysight Technologies N1924A Datasheet HTML 13Page - Keysight Technologies N1924A Datasheet HTML 14Page - Keysight Technologies N1924A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11 | Keysight | 8990B Peak Power Analyzer and N1923A/N1924A Wideband Power Sensors - Data Sheet
Time base
Range
2 ns to 100 msec/div in 1-2-5 sequence or any arbitrary scaling, user defined
Delta time accuracy
1 ns + 0.02 x (time/div)
Timebase accuracy
± 1.4 ppm peak
Channel to channel offset
± 5 ns (ETS Off), ± 3 ns (ETS On)
Delay range
± 1 s max
Trigger
Hardware trigger
Sweep mode
Auto, triggered, single
Trigger mode
Postive and negative edge, pulse width (all channels)
Trigger by event (sensor channel 1 and 4)
Trigger source
Channel 1, 2, 3, 4, AUX
Trigger level
Level range
Channel 1 and 4: –20 dBm to +20 dBm
Channel 2 and 3: ± 8 div from center screen (1 MΩ, edge mode)
AUX: TTL (high > 2.4 V, low < 0.7 V at 50 Ω
Level resolution
Channel 1 and 4: 0.01 dB
Channel 2 and 3: 10 µV 1
Level accuracy
Channel 1 and 4: ± 0.5 dB (0.5 dB/ns slew rate in ETS mode)
Trigger delay
Delay range
± 1.0 s max 2
Delay resolution
1% of delay setting, 10 ns maximum (50 ns/div)
Trigger hold-off
Range
1 µs to 1 s
Resolution
1% of selected value (to a minimum of 10 ns)
Vertical and horizontal markers
Resolution
Minimum 1 ns
Sensor check source
Frequency
1.05 GHz or 50 MHz (selectable)
Power level
0 dBm ± 0.9% (50 MHz)
0 dBm ± 1.2% (1.05 GHz)
Signal type
Square pulse modulated (1.05 GHz only) or CW (1.05 GHz or 50 MHz)
Repetition rate
1 kHz
Connector type
Type N (female)
SWR
1.05
Waveform measurement and math
Pulse measurement
Rise time, fall time, minimum, average, peak, peak-to-average, duty cycle, PRI, PRF, off time, pulse base, pulse top,
pulse width, overshoot
Markers measurement
Delay measurement, pulse spacing, pulse droop
Waveform math
Add, averaging, common mode, divide, invert, magnify, multiply, PAE, PAE2, subtract, square root, XY display
Statistical
CCDF (free run and triggered)
Video averaging
2, 4, 8, 32, 64, 128, 256, 512, 1024, 2048 selectable
Zoom
Dual window zoom
1. The trigger level of video channels is dependent on the vertical scale setting.
2. The trigger delay range is dependant on the timebase setting.
8990B Peak Power Analyzer Specifications (Continued)


Similar Part No. - N1924A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1921A KEYSIGHT-N1921A Datasheet
1Mb / 14P
   Wideband Power Sensors
N1922A KEYSIGHT-N1922A Datasheet
1Mb / 14P
   Wideband Power Sensors
N1923A KEYSIGHT-N1923A Datasheet
4Mb / 19P
   Wideband Power Sensors
N192xA-105 KEYSIGHT-N192xA-105 Datasheet
1Mb / 14P
   P-Series Power Meters and
N192xA-106 KEYSIGHT-N192xA-106 Datasheet
1Mb / 14P
   P-Series Power Meters and
More results

Similar Description - N1924A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1923A KEYSIGHT-N1923A Datasheet
4Mb / 19P
   Wideband Power Sensors
N1922A KEYSIGHT-N1922A Datasheet
1Mb / 14P
   Wideband Power Sensors
N1921A KEYSIGHT-N1921A Datasheet
1Mb / 14P
   Wideband Power Sensors
8990B KEYSIGHT-8990B Datasheet
4Mb / 19P
   8990B Peak Power Analyzer and N1923A/N1924A Wideband Power Sensors
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com