Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W8486A Datasheet(PDF) 10 Page - Keysight Technologies

Part # W8486A
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

W8486A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button W8486A Datasheet HTML 6Page - Keysight Technologies W8486A Datasheet HTML 7Page - Keysight Technologies W8486A Datasheet HTML 8Page - Keysight Technologies W8486A Datasheet HTML 9Page - Keysight Technologies W8486A Datasheet HTML 10Page - Keysight Technologies W8486A Datasheet HTML 11Page - Keysight Technologies W8486A Datasheet HTML 12Page - Keysight Technologies W8486A Datasheet HTML 13Page - Keysight Technologies W8486A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
N1913A/14A EPM Series Power Meters Performance Characteristics (continued)
Line power
Input voltage range
90 to 264 VAC, automatic selection
Input frequency range
47 to 63 Hz and 400 Hz @ 110 Vac)
Power requirement
75 VA (50 Watts)
Battery option operational characteristics1
The following information describes characteristic performance based at a temperature of 25 °C unless otherwise noted.
Typical operating time
Up to 6 hours with LCD backlight on; up to 7.5 hours with LCD backlight off (N1913A power meter).
Charge time
Approximately, 2.5 hours to charge fully from an empty state. Power meter is operational whilst charging.
Battery type
Lithium-ion (Li-ion)
Battery storage temperature
–20 °C to 60 °C, ≤ 80 % RH
Environmental characteristics
Electromagnetic compatibility
Complies with the essential requirements of EMC Directive (2004/108/EC) as follows:
IEC61326- 1:2005 / EN61326- 1:2006
CISPR11:2003 / EN55011:2007 (Group 1, Class A)
The product also meets the following EMC standards:
Canada: ICES/NMB- 001:2004
Australia/New Zealand: AS/NZS CISPR 11:2004
Product safety
This product conforms to the requirements of the following safety standards:
IEC 61010- 1:2001 / EN 61010- 1:2001
CAN/CSA- C22.2 No.61010- 1- 04
ANSI/UL61010- 1:2004
Low Voltage Directive
This product conforms to the requirements of European Council Directive “2006/95/EC”
Operating environment
Temperature
0 °C to 55 °C
Maximum humidity
95% at 40 °C (non-condensing)
Maximum altitude
4,600 meters (15,000 feet)
Storage conditions
Non-operating storage temperature
–40 °C to +70 °C
Non-operating maximum humidity
90% at 65 °C (non-condensing)
Non-operating maximum altitude
4,600 meters (15,000 feet)
Remote programming
Interface
GPIB, USB and LAN interfaces operates to IEEE 488.2 standard
Command language
SCPI standard interface commands. Code-compatible with legacy E4418B/9B EPM Series, 436A, 437B
and 438A power meters (43X compatibility only with option N191xA-200).
GPIB compatibility
SH1, AH1, T6, TE0, L4, LE0, SR1, RL1, PP1, DC1, DT1, C0
1. Characteristics describe product performance that is useful in the application of the product, but is not covered by the product warranty.


Similar Part No. - W8486A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
W8405 IXYS-W8405 Datasheet
553Kb / 11P
   Rectifier Diode
Date:- 03rd July, 2014
W8405ZC100 IXYS-W8405ZC100 Datasheet
553Kb / 11P
   Rectifier Diode
Date:- 03rd July, 2014
W8405ZC140 IXYS-W8405ZC140 Datasheet
553Kb / 11P
   Rectifier Diode
Date:- 03rd July, 2014
logo
VBsemi Electronics Co.,...
W840B VBSEMI-W840B Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - W8486A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8483A KEYSIGHT-8483A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8485D KEYSIGHT-8485D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com