Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF12H-9S-0.6SH Datasheet(PDF) 4 Page - Hirose Electric

Part # TF12H-9S-0.6SH
Description  0.5mm PITCH Back-Flip Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TF12H-9S-0.6SH Datasheet(HTML) 4 Page - Hirose Electric

  TF12H-9S-0.6SH Datasheet HTML 1Page - Hirose Electric TF12H-9S-0.6SH Datasheet HTML 2Page - Hirose Electric TF12H-9S-0.6SH Datasheet HTML 3Page - Hirose Electric TF12H-9S-0.6SH Datasheet HTML 4Page - Hirose Electric TF12H-9S-0.6SH Datasheet HTML 5Page - Hirose Electric TF12H-9S-0.6SH Datasheet HTML 6Page - Hirose Electric TF12H-9S-0.6SH Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Revision#1
IC 기술팀
■ TF12-SERIES
TF12H-9S-0.5SH
TF12H-9S-0.5SH
TF12H-9S-0.5SH
TF12H-9S-0.5SH
TF12-9S-0.5SH
TF12-9S-0.5SH
TF12-9S-0.5SH
TF12-9S-0.5SH
HIROSE KOREA
Page4
2013/ FEBRUARY


Similar Part No. - TF12H-9S-0.6SH

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TF120-10 RHOMBUS-IND-TF120-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF120-10 RHOMBUS-IND-TF120-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF120-5 RHOMBUS-IND-TF120-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF120-5 RHOMBUS-IND-TF120-5 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF120-7 RHOMBUS-IND-TF120-7 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF12H-9S-0.6SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TF13 HIROSE-TF13 Datasheet
597Kb / 6P
   0.4mm PITCH Back-Flip Type
logo
Panasonic Semiconductor
AYF530435 PANASONIC-AYF530435 Datasheet
342Kb / 6P
   FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
logo
List of Unclassifed Man...
XF2J ETC-XF2J Datasheet
596Kb / 1P
   0.5mm-pitch ZIF-Slide Type
XF2L ETC-XF2L Datasheet
833Kb / 1P
   0.5MM PITCH LOW PROFILE TYPE
logo
Molex Electronics Ltd.
PS-504754-002 MOLEX-PS-504754-002 Datasheet
908Kb / 17P
   0.3mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. J
5047542560 MOLEX1-5047542560 Datasheet
43Kb / 2P
   0.30mm Pitch Easy-On Back Flip FPC Connector, High-Temperature Type
5047542160 MOLEX1-5047542160 Datasheet
43Kb / 2P
   0.30mm Pitch Easy-On Back Flip FPC Connector, High-Temperature Type
5047544160 MOLEX1-5047544160 Datasheet
43Kb / 2P
   0.30mm Pitch Easy-On Back Flip FPC Connector, High-Temperature Type
5047546160 MOLEX1-5047546160 Datasheet
43Kb / 2P
   0.30mm Pitch Easy-On Back Flip FPC Connector, High-Temperature Type, LA75
5047540000 MOLEX-5047540000 Datasheet
676Kb / 17P
   0.3 mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com