Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP080D-JNLE Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS25LP080D-JNLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP080D-JNLE Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS25LP080D-JNLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP080D-JNLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP080D-JNLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP080D-JNLE Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP080D-JNLE Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP080D-JNLE Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP080D-JNLE Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP080D-JNLE Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP080D-JNLE Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
IS25LP080D
IS25WP080D/040D/020D
Integrated Silicon Solution, Inc.- www.issi.com
11
Rev. A
09/02/2016
Figure 4.2 SPI Mode Support
SCK
SO
SI
Mode 0 (0,0)
Mode 3 (1,1)
MSB
MSB
SCK
Figure 4.3 QPI Mode Support
20
CE #
SCK
4
0
4
0
3-byte Address
16
12
8
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
IO0
IO1
21
5
1
5
1
17
13
9
22
6
2
6
2
18
14
10
7
3
3
19
15
11
Mode Bits
IO2
IO3
C4
C0
C1
C5
C2
C6
C3
C7
1
4
0
4
0
5
1
5
1
6
2
6
2
3
3
4
5
6
0
1
2
3
...
...
...
...
Data 1
Data 2
Data 3
23
1
7
1
7
1
7
1
7
1
6
Note1: MSB (Most Significant Bit)


Similar Part No. - IS25LP080D-JNLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP016D-JBLA3 ISSI-IS25LP016D-JBLA3 Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP016D-JBLA3:P ISSI-IS25LP016D-JBLA3:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP016D-JBLE ISSI-IS25LP016D-JBLE Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP016D-JBLE:P ISSI-IS25LP016D-JBLE:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results

Similar Description - IS25LP080D-JNLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP064A ISSI-IS25WP064A Datasheet
1Mb / 111P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
logo
Renesas Technology Corp
AT25QL641 RENESAS-AT25QL641 Datasheet
3Mb / 80P
   SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
Sep 14, 2022
logo
Integrated Silicon Solu...
IS25WP128 ISSI-IS25WP128 Datasheet
929Kb / 107P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WQ020 ISSI-IS25WQ020 Datasheet
805Kb / 65P
   1.8V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com