Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2614 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2614
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2614 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2614 Datasheet HTML 3Page - Texas Instruments OPA2614 Datasheet HTML 4Page - Texas Instruments OPA2614 Datasheet HTML 5Page - Texas Instruments OPA2614 Datasheet HTML 6Page - Texas Instruments OPA2614 Datasheet HTML 7Page - Texas Instruments OPA2614 Datasheet HTML 8Page - Texas Instruments OPA2614 Datasheet HTML 9Page - Texas Instruments OPA2614 Datasheet HTML 10Page - Texas Instruments OPA2614 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
OPA2613
SBOS249D − JUNE 2003− REVISED APRIL 2004
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = ±6V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
NONINVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
500
6
3
0
−3
−6
−9
−12
−15
−18
V
O = 100mVPP
SeeFigure1
G= +1
G= +8
G= +4
G= +2
INVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
500
6
3
0
−3
−6
−9
−12
−15
−18
G=
−1
G=
−2
G=
−8
G=
−4
SeeFigure2
NONINVERTING LARGE−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
500
12
9
6
3
0
−3
−6
−9
−12
SeeFigure1
V
O =100mVPP
V
O =500mVPP
V
O =2VPP
V
O =5VPP
V
O =1VPP
INVERTING LARGE−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
500
6
3
0
−3
−6
−9
−12
−15
−18
See Figure 2
V
O = 100mVPP
V
O = 500mVPP
V
O =2VPP
V
O =5VPP
V
O =1VPP
NONINVERTING PULSE RESPONSE
Time (50ns/div)
4V
PP
G= +2V/V
200mV
PP
Left Scale
Large Signal
Right Scale
Small Signal
SeeFigure1
3
2
1
0
−1
−2
−3
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
INVERTING PULSE RESPONSE
Time (50ns/div)
3
2
1
0
−1
−2
−3
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
4V
PP
G=
−1V/V
Left Scale
200mV
PP
Large Signal
Small Signal
Right Scale
See Figure 2


Similar Part No. - OPA2614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2614 TI-OPA2614 Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
OPA2614 TI1-OPA2614 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
OPA2614IDG4 TI-OPA2614IDG4 Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
OPA2614IDR TI-OPA2614IDR Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
More results

Similar Description - OPA2614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com