Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25WP080D-JNLE Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS25WP080D-JNLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP080D-JNLE Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS25WP080D-JNLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25WP080D-JNLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WP080D-JNLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WP080D-JNLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25WP080D-JNLE Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25WP080D-JNLE Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25WP080D-JNLE Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25WP080D-JNLE Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25WP080D-JNLE Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
IS25LP080D
IS25WP080D/040D/020D
Integrated Silicon Solution, Inc.- www.issi.com
10
Rev. A
09/02/2016
4. SPI MODES DESCRIPTION
Multiple IS25LP080D device or multiple IS25WP080D/040D/020D devices can be connected on the SPI serial bus
and controlled by a SPI Master, i.e. microcontroller, as shown in Figure 4.1. The devices support either of two SPI
modes:
Mode 0 (0, 0)
Mode 3 (1, 1)
The difference between these two modes is the clock polarity. When the SPI master is in stand-by mode, the serial
clock remains at “0” (SCK = 0) for Mode 0 and the clock remains at “1” (SCK = 1) for Mode 3. Please refer to Figure
4.2 and Figure 4.3 for SPI and QPI mode. In both modes, the input data is latched on the rising edge of Serial Clock
(SCK), and the output data is available from the falling edge of SCK.
Figure 4.1 Connection Diagram among SPI Master and SPI Slaves (Memory Devices)
Notes:
1. According to the P7 bit setting in Read Register, either HOLD# (P7=0) or RESET# (P7=1) pin can be selected.
2. SI and SO pins become bidirectional IO0 and IO1 respectively during Dual I/O mode and SI, SO, WP#, and HOLD#
pins become bidirectional IO0, IO1, IO2, and IO3 respectively during Quad I/O or QPI mode.
SPI interface with
(0,0) or (1,1)
SPI Master
(i.e. Microcontroller)
SPI
Memory
Device
SPI
Memory
Device
SPI
Memory
Device
SCK SO
SI
SCK
SDI
SDO
CE#
WP#
HOLD# or
RESET
SCK SO
SI
CE#
WP# HOLD# or
RESET#
SCK SO
SI
CE#
WP#
CS3
CS2
CS1
HOLD# or
RESET#
(1)
(1)
(1)


Similar Part No. - IS25WP080D-JNLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WP080 ISSI-IS25WP080 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
More results

Similar Description - IS25WP080D-JNLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP064A ISSI-IS25WP064A Datasheet
1Mb / 111P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
logo
Renesas Technology Corp
AT25QL641 RENESAS-AT25QL641 Datasheet
3Mb / 80P
   SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
Sep 14, 2022
logo
Integrated Silicon Solu...
IS25WP128 ISSI-IS25WP128 Datasheet
929Kb / 107P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WQ020 ISSI-IS25WQ020 Datasheet
805Kb / 65P
   1.8V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com