Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W-FL2 Datasheet(PDF) 3 Page - Hirose Electric

Part # W-FL2
Description  Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W-FL2 Datasheet(HTML) 3 Page - Hirose Electric

  W-FL2 Datasheet HTML 1Page - Hirose Electric W-FL2 Datasheet HTML 2Page - Hirose Electric W-FL2 Datasheet HTML 3Page - Hirose Electric W-FL2 Datasheet HTML 4Page - Hirose Electric W-FL2 Datasheet HTML 5Page - Hirose Electric W-FL2 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
W.FL2 SeriesqUltra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
sHow to Specify Cable Assembly
L (mm)
Double-ended cable assembly
L (mm)
Single-ended cable assembly
Ordering Information
sReceptacles
qPackaging Specifications
0.7
0.3
1.7
2
0.3
SIG
GND
0.25
2.6
1.4
0.5
SIG
GND
No conductive traces
in this area
W.FL2-R-SMT-1(10)
 Reel material: Corrugated board
W.FL2-R-SMT-1(40)
 Reel material: Plastic
Reel Dimensions
14
14
BRecommended PCB mounting pattern (Note 1)
Note 1: The land pattern is the same as that of the W. FL series connectors.
Note 2: Recommended metal mask thickness: 0.1mm to 0.12mm
Part Number
CL No.
W.FL2-R-SMT-1(10)
W.FL2-R-SMT-1(40)
331-0315-4-10
331-0315-4-40
Packaging
Reel (2,000 pieces per reel)
Reel (5,000 pieces per reel)
Weight/EA
5.0mg
RoHS
YES
qOrdering Information
qStandard tolerances for (L)**
(L)(mm)
Standard Tolerance (mm)
*L=35 to 200
±4 mm
L=200 to 500
±8 mm
L=500 to 1000
±12 mm
L=Longer than 1000 mm /
±1.5% of (L)
* Minimum available length (L) is 35mm
** Contact nearest HRS representative if different
tolerances are required.
*** Contact Nearest HRS representative if one end
requires preparation.
--
--
--
--
(L)
A
[[ ]]
04N
2LP
W.FL2
--
--
--
--
(L)
A
[[ ]]
04N
LP
W.FL2
1
2
3
4
5
2
3
4
5
1
Series name
W.FL2
Assembly type
LP
: Single ended
2LP : Double ended
Cable type
04N: 0.81mm dia. ultra-fine coaxial cable
1
2
3
Cable color
1: White, 2: Black
Total length (mm)
Length (L)
4
5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - W-FL2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
More results

Similar Description - W-FL2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com