Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM15WTRZ-4S Datasheet(PDF) 8 Page - Hirose Electric

Part # RM15WTRZ-4S
Description  General-purpose Multi-Contact Circular Waterproof Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15WTRZ-4S Datasheet(HTML) 8 Page - Hirose Electric

Back Button RM15WTRZ-4S Datasheet HTML 4Page - Hirose Electric RM15WTRZ-4S Datasheet HTML 5Page - Hirose Electric RM15WTRZ-4S Datasheet HTML 6Page - Hirose Electric RM15WTRZ-4S Datasheet HTML 7Page - Hirose Electric RM15WTRZ-4S Datasheet HTML 8Page - Hirose Electric RM15WTRZ-4S Datasheet HTML 9Page - Hirose Electric RM15WTRZ-4S Datasheet HTML 10Page - Hirose Electric RM15WTRZ-4S Datasheet HTML 11Page - Hirose Electric RM15WTRZ-4S Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
BPlug -- Disassembly / Assembly
5.
4.
3.
2.
1.
Disassembly
1 Fix the plug in the assembly fixture (RM15TP-T01 (CL150-0098-0)), then remove the insulator body (P) and the back shell.
Right-angle plugs have set screws in the tightening ring at 2 locations. Loosen the set screws before removing the back shell.
2 Remove the 2 screws of the strain relief clamp, and then remove the clamp from the tightening collar.
Part Name
Number of Contacts
3
2,4,8,10,12
3
2,4,8,10,12
10,12
A
6mm
3mm
6mm
3mm
3mm
B
21mm
21mm
12mm
12mm
25mm
Cable jacket
Cable
Wires
Conductors
B
A
3 min
Strain relief clamp
Back shell
Coupling
Tightening collar
Washer
Bushing
Insulator body (P)
Contacts
Clamp
Screw
Cable
Set screw(2)
Back shell
Tightening ring
Wiring
1 Assure that the cable outer diameter will fit the strain relief clamp, and is prepared as recommended in Table 1.
It is recommended that the exposed conductors be pre-soldered, to assure easier insertion in the soldering cup.
2 Pass the parts over the cable in the order of: tightening collar, washer, bushing, back shell, and coupling. Refer to the drawings
(above) for assembly orientation of all components.
3 Solder the wires to the contacts of the insulator body (P).
Use of heat-shrink tubing or another insulating media between the soldered contacts is suggested.
Connector Assembly
Straight Plugs
1 Place the completely wired insulator body (P) in the assembly fixture secured in a vise. Insert in the coupling, then back shell. The
back shell should be tightened to a torque of 3 N•m.
Right-angle Plugs
1 Place the completely wired insulator body (P) in an assembly fixture secured by a vise. Insert in the coupling, then back shell (with
tightening ring). When attaching the back shell, orient the cable in the desired direction and fasten the tightening ring to the
insulator body (P) with a torque of 3 N•m. After this, tighten and fix the 2 sets crews with a torque of 0.2 to 0.3 N•m.
Additional assembly recommendations:
In applications where continuous extremely high vibrations may be encountered it is recommended that a thread locking
compound be applied to male threads prior to assembly (Loctite 271 ˛ manufactured by Henkel Japan K.K. or equivalent)
Waterproof verification - plug assembly
Apply air pressure of 17.6 kPa for 30 seconds from the mating side of the plug assembly. There shall not be any air leakage from
inside the connector when submerged in the water tank.
Precautions
1 Follow the correct assembly sequence, cable preparation and tightening torques.
2 Assure that the applicable cable outer surfaces are free of scratches, oil, grease or any other contamination.
3 Do not use excessive forces or improper tools when assembling or mounting the connectors.
RM15WTPZA-ππ
RM15WTPZ-ππ
RM15WTLP-ππ
Table 1
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM15WTRZ-4S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM15 MITSUBISHI-RM15 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
logo
Micro Commercial Compon...
RM15 MCC-RM15 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
Mitsubishi Electric Sem...
RM1500DC-66F MITSUBISHI-RM1500DC-66F Datasheet
226Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Micro Commercial Compon...
RM1500E MCC-RM1500E Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1500E MCC-RM1500E Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results

Similar Description - RM15WTRZ-4S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
   General purpose solder contact connectors
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com