Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM15WTRZA-2P Datasheet(PDF) 11 Page - Hirose Electric

Part # RM15WTRZA-2P
Description  General-purpose Multi-Contact Circular Waterproof Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15WTRZA-2P Datasheet(HTML) 11 Page - Hirose Electric

Back Button RM15WTRZA-2P Datasheet HTML 7Page - Hirose Electric RM15WTRZA-2P Datasheet HTML 8Page - Hirose Electric RM15WTRZA-2P Datasheet HTML 9Page - Hirose Electric RM15WTRZA-2P Datasheet HTML 10Page - Hirose Electric RM15WTRZA-2P Datasheet HTML 11Page - Hirose Electric RM15WTRZA-2P Datasheet HTML 12Page - Hirose Electric RM15WTRZA-2P Datasheet HTML 13Page - Hirose Electric RM15WTRZA-2P Datasheet HTML 14Page - Hirose Electric RM15WTRZA-2P Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
109-1860-0-71
109-1852-1-71
109-1855-0-71
sPlugs - straight, long back shell
Part Number
CL No.
Number of Contacts
ØA
RM21WTPS-15S(71)
RM24WTPB-31S(71)
RM24WTPB-31P(71)
15
31
31
21
24.3
24.3
ØB
32
36
36
C
49
54
54
D
23
26
26
E
TM25∞2
TM29∞2
TM29∞2
F
M20∞0.75
M24∞0.75
M24∞0.75
Weight
Remarks
RoHS
104.5
144.6
140.0
Silver plated
only
YES
Wrench opening dimension D
C
F
E
(shown one example)
E
Wrench opening dimension D
C
(shown one example)
Set screw
D
C
E
(shown one example)
RM21WTPS-15S(71)
Notes : 1. Cable jacket diameter:Use A ± 0.2mm. Notes : 2. Recommended set screw tightening torque : 0.2 to 0.3 N•m.
Notes : 3. When using the self-tightening strain relief verify the cable pull force requirements.
Notes : 1. Cable jacket diameter:Use A ± 0.2mm. Notes : 2. Recommended set screw tightening torque : 0.3 to 0.4 N•m.
HRS recommended tool : PB205/1.27(CL 150-0066-3)
sApplicable Strain reliefs
q External cable clamp + internal, self-tightening
q Internal, self tightening
RM24WTP-CP14(71)
RM21WTP-CP(8)(71)
114-2052-6-72
114-2053-9-72
114-2054-1-72
114-2055-4-72
114-2154-6-72
114-2056-7-72
109-1851-9-71
Part Number
CL No.
ØA
JR16WCC-4(72)
JR16WCC-6(72)
JR16WCC-8(72)
JR16WCC-10(72)
JR16WCC-11(72)
JR16WCC-12(72)
RM24WTP-CP14(71)
04
06
08
10
11
12
14
ØB
23
23
23
23
23
23
29
C
17.5
17.5
17.5
17.5
17.5
17.5
17.5
D
21
21
21
21
21
21
26
E
M20∞0.75
M20∞0.75
M20∞0.75
M20∞0.75
M20∞0.75
M20∞0.75
M24∞0.75
Weight
17.5g
17.5g
17.5g
17.5g
17.5g
17.5g
17.5g
Remarks
RoHS
For RM21WT
YES
For RM24WT
109-1405-3-71
109-1406-6-71
109-1407-9-71
109-1493-0-71
109-1494-3-71
109-1495-6-71
109-1496-9-71
Part Number
CL No.
ØA
RM21WTP-CP(8)(71)
RM21WTP-CP(10)(71)
RM21WTP-CP(12)(71)
RM24WTP-CP(10)(71)
RM24WTP-CP(12)(71)
RM24WTP-CP(14)(71)
RM24WTP-CP(16)(71)
08
10
12
10
12
14
16
ØB
23
23
23
27
27
27
27
C
38
38
38
38.5
38.5
38.5
38.5
D
7.5
7.5
7.5
8
8
8
8
E
M20∞0.75
M20∞0.75
M20∞0.75
M24∞0.75
M24∞0.75
M24∞0.75
M24∞0.75
Weight
Remarks
RoHS
22.5
22.0
21.5
28.5
28.5
28.0
26.5
For RM21WT
YES
For RM24WT
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM15WTRZA-2P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM15 MITSUBISHI-RM15 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
logo
Micro Commercial Compon...
RM15 MCC-RM15 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
Mitsubishi Electric Sem...
RM1500DC-66F MITSUBISHI-RM1500DC-66F Datasheet
226Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Micro Commercial Compon...
RM1500E MCC-RM1500E Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1500E MCC-RM1500E Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results

Similar Description - RM15WTRZA-2P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
   General purpose solder contact connectors
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com